Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6352YSC4B1.4 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6352YSC4B1.4
Description  Voltage Detector, High-Precision
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6352YSC4B1.4 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6352YSC4B1.4 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6352YSC4B1.4 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6352YSC4B1.4 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6352YSC4B1.4 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6352YSC4B1.4 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6352YSC4B1.4 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6352YSC4B1.4 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EM6352
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.I
3
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage at VDD to GND
VDD
-0.3V to +6V
Minimum voltage at any
signal pin
VMIN
GND - 0.3V
Maximum voltage at any
signal pin
VMAX
VDD + 0.3V
Electrostatic discharge
max. to MIL-STD-883C
method 3015.7 with ref. to
VSS
VESD
2000V
Max. soldering conditions
TMAX
250°C x 10s
Storage Temperature
Range
TSTG
-65°C to +150°C
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability
or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when
all terminal voltages are kept within the voltage range.
Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symbol Min Max Unit
Supply voltage (note 1)
VDD
0.8
5.5
V
Operating Temperature
TA
-40 +125 °C
Electrical Characteristics
Unless otherwise specified: VDD= 0.8V to 5.5V, TA=+25°C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
+25°C
-
4.5
VDD=1.5V
-40°C to +125°C
-
2.1
7
+25°C
-
5.4
VDD=3.3V
-40°C to +125°C
-
2.7
8.3
+25°C
-
6.3
Supply current (note 2)
IDD
VDD=5.0V
-40°C to +125°C
-
3.2
9.6
µA
EM6352 – 1.3
1.290
1.31
1.330
EM6352 – 1.4
1.359
1.38
1.401
EM6352 – 1.6
1.546
1.57
1.594
EM6352 – 1.7
1.635
1.66
1.685
EM6352 – 1.8
1.773
1.80
1.827
EM6352 – 2.2
2.167
2.20
2.233
EM6352 – 2.26
2.226
2.26
2.294
EM6352 – 2.6
2.591
2.63
2.669
EM6352 – 2.9
2.886
2.93
2.974
EM6352 – 3.1
3.034
3.08
3.126
EM6352 – 4.4
4.334
4.40
4.466
Threshold voltage
(note 3)
VTH
EM6352 – 4.6
4.561
4.63
4.699
V
Threshold voltage
temperature coefficient
(note 4)
A
TH
T
V
TA = -40°C to +125°C
-
±50
-
ppm/°C
Threshold hysteresis
VHYS
-
2.1%VTH
-
V
Note 1: Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
VDD min=0.9V for active-high versions (EM6352Z).
Note 2: RESET (RESET) open.
Note 3: Threshold voltage is specified for VDD falling.
Note 4: Typical variation ∆VTH of VTH at a given temperature TA is calculated as follows:
C
25
T
V
T
V
)
T
T
(
V
A
TH
A
TH
A
TH
°
×
×
=
=
Example:
for version VTH=2.93V, variation at TA=70°C is equal to ∆VTH(70°C)=±5010
-6 x 2.93 x (70-25)=±6.59mV


Similar Part No. - EM6352YSC4B1.4

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6353 EMMICRO-EM6353 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-1.3 EMMICRO-EM6353BX1SP3B-1.3 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-2.6 EMMICRO-EM6353BX1SP3B-2.6 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-2.9 EMMICRO-EM6353BX1SP3B-2.9 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-4.4 EMMICRO-EM6353BX1SP3B-4.4 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
More results

Similar Description - EM6352YSC4B1.4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com