Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6353BY2SP3B-2.6 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6353BY2SP3B-2.6
Description  Reset Circuit with Fixed Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6353BY2SP3B-2.6 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6353BY2SP3B-2.6 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-2.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-2.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-2.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-2.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-2.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-2.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EM6353
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.K
3
www.emmicroelectronic.com
Standard Versions (samples)
Part Number
EM6353BX1SP3B-2.6+
EM6353BX1SP3B-2.9+
EM6353BX1SP3B-4.4+
EM6353BX1SP3B-4.6+
EM6353BX2SP3B-1.8+
EM6353BX2SP3B-2.6+
EM6353BX2SP3B-2.9+
EM6353BX2SP3B-3.1+
EM6353BX2SP3B-4.4+
EM6353BX2SP3B-4.6+
Part Number
EM6353BXSC5B-2.9
EM6353BXSC5B-3.1
EM6353BY1SP3B-2.9+
EM6353BY2SP3B-2.9+
EM6353BY2SP3B-3.1+
EM6353BY2SP3B-4.6+
EM6353BYSC5B-2.9+
EM6353BZ2SP3B-2.9+
EM6353BZ2SP3B-3.1+
EM6353BZ2SP3B-4.6
Sample stock is generally held on
standard versions only. Non standard versions have a 30,000 pieces minimum order
quantity. Please contact factory for other versions not shown here and for availability of non standard versions.
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage at VDD to GND
VDD
-0.3V to +6V
Minimum voltage at any signal pin
VMIN
GND - 0.3V
Maximum voltage at any signal pin
VMAX
VDD + 0.3V
Electrostatic discharge max. to
MIL-STD-883C method 3015.7
with ref. to VSS
VESD
2000V
Max. soldering conditions
TMAX
250°C x 10s
Storage Temperature Range
TSTG
-65°C to +150°C
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond
specified operating conditions may affect device
reliability or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages
or
electric
fields;
however,
anti-static
precautions must be taken as for any other CMOS
component. Unless otherwise specified, proper operation
can only occur when all terminal voltages are kept within
the voltage range. Unused inputs must always be tied to
a defined logic voltage level.
Operating Conditions
Parameter
Symbol Min Max Unit
Supply voltage (note 1)
VDD
0.8
5.5
V
Operating Temperature
TA
-40 +125 °C
Electrical Characteristics
Unless otherwise specified: VDD= 0.8V to 5.5V, TA=-40°C to +125°C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
+25°C
-
4.6
VDD=1.5V
-40°C to +125°C
-
2.3
7
+25°C
-
5.5
VDD=3.3V
-40°C to +125°C
-
2.9
8.3
+25°C
-
6.3
Supply current (note 2)
IDD
VDD=5.0V
-40°C to +125°C
-
3.4
9.6
µA
+25°C
1.290
1.330
-40°C to +85°C
1.245
1.382
EM6353 – 1.3
-40°C to +125°C
1.221
1.31
1.387
+25°C
1.359
1.401
-40°C to +85°C
1.311
1.456
EM6353 – 1.4
-40°C to +125°C
1.286
1.38
1.461
+25°C
1.546
1.594
-40°C to +85°C
1.492
1.656
EM6353 – 1.6
-40°C to +125°C
1.463
1.57
1.663
+25°C
1.635
1.685
-40°C to +85°C
1.577
1.751
EM6353 – 1.7
-40°C to +125°C
1.547
1.66
1.758
+25°C
1.773
1.827
-40°C to +85°C
1.710
1.899
EM6353 – 1.8
-40°C to +125°C
1.678
1.80
1.906
+25°C
2.167
2.233
-40°C to +85°C
2.090
2.321
EM6353 – 2.2
-40°C to +125°C
2.050
2.20
2.330
+25°C
2.591
2.669
Threshold voltage
(note 3)
VTH
EM6353 – 2.6
-40°C to +85°C
2.499
2.63
2.775
V


Similar Part No. - EM6353BY2SP3B-2.6

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.3 EMMICRO-EM6352XSC3B1.3 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.4 EMMICRO-EM6352XSC3B1.4 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.6 EMMICRO-EM6352XSC3B1.6 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.7 EMMICRO-EM6352XSC3B1.7 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results

Similar Description - EM6353BY2SP3B-2.6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
EM Microelectronic - MA...
EM6354 EMMICRO-EM6354 Datasheet
400Kb / 7P
   Reset Circuit with Adjustable Delay
logo
New Japan Radio
NJU7295 NJRC-NJU7295 Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com