Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI8L32512C17AI Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # EDI8L32512C17AI
Description  512Kx32 CMOS High Speed Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8L32512C17AI Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  EDI8L32512C17AI Datasheet HTML 1Page - White Electronic Designs Corporation EDI8L32512C17AI Datasheet HTML 2Page - White Electronic Designs Corporation EDI8L32512C17AI Datasheet HTML 3Page - White Electronic Designs Corporation EDI8L32512C17AI Datasheet HTML 4Page - White Electronic Designs Corporation EDI8L32512C17AI Datasheet HTML 5Page - White Electronic Designs Corporation EDI8L32512C17AI Datasheet HTML 6Page - White Electronic Designs Corporation EDI8L32512C17AI Datasheet HTML 7Page - White Electronic Designs Corporation EDI8L32512C17AI Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8L32512C
August 2000
Rev. 7
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
INTERFACING THE TEXAS INSTRUMENT TMS320C4X WITH THE
EDI8L32128C (128KX32) OR THE EDI8L32512C (512KX32)
FIG. 10
FIG. 11 INTERFACING THE ANALOG SHARC DSP WITH THE EDI8L32512C
(512KX32)
A18
A17
A16
A15
A14
A13
A12
A4
A3
A2
A1
A0
E0#
E1#
E2#
E3#
W#
G#
DQ31
DQ30
DQ29
DQ28
DQ27
DQ4
DQ3
DQ2
DQ1
DQ0
Global Address Bus
A30-0
Global Databus
D31-0
TI TMS320C4X
EDI8L32128/512C
STRB0#
R/W0#
A
D
D
R
E
S
S
B
U
S
D
A
T
A
B
U
S
8L32512C only
}
Analog Device
ADSP-2106X
EDI8L32512C
Address Bus
A31 - A0
MS0#
WR#
Databus
D47 - D0
RD#
D47 D46
.
.
D31 D30 .
.
.
.
D5 D4 D3 D2 D1 D0
A
D
D
R
E
S
S
B
U
S
D
A
T
A
B
U
S
A18
A17
A16
A15
A14
A4
A3
A2
A1
A0
E0#
E1#
E2#
E3#
W#
G#
DQ31
DQ30
DQ29
DQ28
DQ27
DQ4
DQ3
DQ2
DQ1
DQ0


Similar Part No. - EDI8L32512C17AI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
EDI8L32512V12AC WEDC-EDI8L32512V12AC Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
EDI8L32512V15AC WEDC-EDI8L32512V15AC Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
EDI8L32512V15AI WEDC-EDI8L32512V15AI Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
EDI8L32512V17AC WEDC-EDI8L32512V17AC Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
More results

Similar Description - EDI8L32512C17AI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512C WEDC-EDI8F32512C Datasheet
103Kb / 8P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
logo
White Electronic Design...
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
logo
White Electronic Design...
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com