Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2365 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2365
Description  2.2V, 50MHz, Low-Noise, Single-Supply Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2365 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA2365 Datasheet HTML 5Page - Burr-Brown (TI) OPA2365 Datasheet HTML 6Page - Burr-Brown (TI) OPA2365 Datasheet HTML 7Page - Burr-Brown (TI) OPA2365 Datasheet HTML 8Page - Burr-Brown (TI) OPA2365 Datasheet HTML 9Page - Burr-Brown (TI) OPA2365 Datasheet HTML 10Page - Burr-Brown (TI) OPA2365 Datasheet HTML 11Page - Burr-Brown (TI) OPA2365 Datasheet HTML 12Page - Burr-Brown (TI) OPA2365 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OPA365
OPA2365
SBOS365A − JUNE 2006 − REVISED JULY 2006
www.ti.com
9
A simplified schematic illustrating the rail-to-rail input
circuitry is shown in Figure 5.
CAPACITIVE LOADS
The OPA365 may be used in applications where driving
a capacitive load is required. As with all op amps, there
may be specific instances where the OPA365 can be-
come unstable, leading to oscillation. The particular op
amp circuit configuration, layout, gain and output load-
ing are some of the factors to consider when establish-
ing whether an amplifier will be stable in operation. An
op amp in the unity-gain (+1V/V) buffer configuration
and driving a capacitive load exhibits a greater tenden-
cy to be unstable than an amplifier operated at a higher
noise gain. The capacitive load, in conjunction with the
op amp output resistance, creates a pole within the
feedback loop that degrades the phase margin. The
degradation of the phase margin increases as the ca-
pacitive loading increases.
When operating in the unity-gain configuration, the
OPA365 remains stable with a pure capacitive load up
to approximately 1nF. The equivalent series resistance
(ESR) of some very large capacitors (CL > 1µF) is suffi-
cient to alter the phase characteristics in the feedback
loop such that the amplifier remains stable. Increasing
the amplifier closed-loop gain allows the amplifier to
drive increasingly larger capacitance. This increased
capability is evident when observing the overshoot re-
sponse of the amplifier at higher voltage gains. See the
typical characteristic graph, Small-Signal Overshoot
vs. Capacitive Load.
One technique for increasing the capacitive load drive
capability of the amplifier operating in unity gain is to in-
sert a small resistor, typically 10
Ω to 20Ω, in series with
the output; see Figure 6. This resistor significantly re-
duces the overshoot and ringing associated with large
capacitive loads. A possible problem with this technique
is that a voltage divider is created with the added series
resistor and any resistor connected in parallel with the
capacitive load. The voltage divider introduces a gain
error at the output that reduces the output swing. The
error contributed by the voltage divider may be insignifi-
cant. For instance, with a load resistance, RL = 10kΩ,
and RS = 20Ω, the gain error is only about 0.2%. Howev-
er, when RL is decreased to 600Ω, which the OPA365
is able to drive, the error increases to 7.5%.
Regulated
Charge Pump
V
OU T =VCC +1.8V
Patent Pending
Very Low Ripple
Topology
I
BIAS
V
CC +1.8V
I
BI A S
I
BI A S
I
BIAS
V
S
I
BIAS
V
OU T
V
IN
V
IN+
Figure 5. Simplified Schematic
10
Ω to
20
V+
V
IN
V
OUT
R
S
R
L
C
L
OPA365
Figure 6. Improving Capacitive Load Drive


Similar Part No. - OPA2365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2365 TI1-OPA2365 Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   OPA2863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input/Output Amplifier
REVISED JULY 2023
OPA2365AID TI1-OPA2365AID Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
More results

Similar Description - OPA2365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com