Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX29F010-70W Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NX29F010-70W
Description  1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX29F010-70W Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NX29F010-70W Datasheet HTML 4Page - List of Unclassifed Manufacturers NX29F010-70W Datasheet HTML 5Page - List of Unclassifed Manufacturers NX29F010-70W Datasheet HTML 6Page - List of Unclassifed Manufacturers NX29F010-70W Datasheet HTML 7Page - List of Unclassifed Manufacturers NX29F010-70W Datasheet HTML 8Page - List of Unclassifed Manufacturers NX29F010-70W Datasheet HTML 9Page - List of Unclassifed Manufacturers NX29F010-70W Datasheet HTML 10Page - List of Unclassifed Manufacturers NX29F010-70W Datasheet HTML 11Page - List of Unclassifed Manufacturers NX29F010-70W Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
NX29F010
8
NexFlash Technologies, Inc.
NXPF001F-0600
06/22/00 ©
Commands written to the device while the Embedded
Program Algorithm is in progress are ignored.
Programming is allowed in any sequence and across sector
boundaries. A bit cannot be programmed from a '0' back
to a '1'. Attempting to do so may halt the operation and set
the error status bit, DQ5, to '1', or cause the
Data Polling
algorithm to indicate the operation was successful.
However, a succeeding read will show that the data is still
'0'. Only erase operations can convert a '0' to a '1'.
Note: See Command Definitions (Table 5) for program
command sequence.
Chip Erase Command Sequence
Chip erase is a six-bus-cycle operation. The chip erase
command sequence is initiated by writing two unlock
cycles, followed by a setup command. Two additional
unlock write cycles are then followed by the chip erase
command, which in turn invokes the Embedded Erase
algorithm. The device does not require the system to
preprogram prior to erase. The Embedded Erase algorithm
automatically preprograms and verifies the entire memory
for an all zero data pattern prior to electrical erase. The
system is not required to provide any controls or timings
during these operations. The Command Definitions table
shows the address and data requirements for the chip erase
command sequence.
Commands written to the chip while the Embedded Erase
Algorithm is in progress are ignored.
The system can determine the status of the erase operation
by using DQ7 or DQ6. See "Write Operation Status" for
information on these status bits. When the Embedded
Erase algorithm is complete, the device returns to reading
array data and addresses are no longer latched.
Figure 6 illustrates the algorithm for the erase operation.
See the Erase/Program Operations tables in "AC Charac-
teristics" for parameters, and to the Chip/Sector Erase
Operation Timings for timing waveforms.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase
command sequence is initiated by writing two unlock cycles,
followed by a setup command. Two additional unlock write
cycles are then followed by the address of the sector to be
erased, and the sector erase command. The Command
Definitions Table (Table 5) shows the address and data
requirements for the sector erase command sequence.
The device does not require the system to preprogram the
memory prior to erase. The embedded erase algorithm
automatically programs and verifies the sector for an all
zero data pattern prior to electrical erase. The system is not
required to provide any controls or timings during these
operations.
START
WRITE PROGRAM
COMMAND
SEQUENCE
DATA POLL
FROM
SYSTEM
NO
NO
YES
YES
EMBEDDED
PROGRAM
ALGORITHM
IN PROGRESS
VERIFY
DATA?
PROGRAMMING
COMPLETE
INCREMENT
ADDRESS
LAST
ADDRESS?
Figure 5. Program Operation


Similar Part No. - NX29F010-70W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX200105 ETC2-NX200105 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200106 ETC2-NX200106 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200107 ETC2-NX200107 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200108 ETC2-NX200108 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
   Crystal Units, For OA / AV / Mobile Communications
More results

Similar Description - NX29F010-70W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
AMIC Technology
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com