Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6323LYSP5B1.7 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6323LYSP5B1.7
Description  Reset Circuit with Manual Reset and Watchdog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6323LYSP5B1.7 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6323LYSP5B1.7 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6323LYSP5B1.7 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6323LYSP5B1.7 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6323LYSP5B1.7 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6323LYSP5B1.7 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6323LYSP5B1.7 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6323LYSP5B1.7 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6323LYSP5B1.7 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6323LYSP5B1.7 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EM6323/24
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 - rev.H
4
www.emmicroelectronic.com
Electrical Characteristics (continued)
Unless otherwise specified: VDD= 0.9V to 5.5V, TA=-40°C to +125° C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Threshold hysteresis
VHYS
TA=+25°C
-
2.1%
•VTH
-
V
EM6323/24 C-G-L-Q
160
200
240
EM6323/24 A-E-J-N
0.7
1.56
3.8
EM6323/24 B-F-K-P
20
25
30
Reset timeout period
tPOR
VDD from 0V to VTH (typ)+15%
TA= +25°C
(note 2 and 4)
EM6323/24 D-H-M-R
1280
1600
1920
ms
Propagation delay time
VDD to RESET (RESET)
delay
tP
VDD drops from VTH (typ)+0.2V to VTH (typ)-0.2V
(note 2). TA= +25°C
2
70
255
µs
VDD>1V
IOL=100µA
-
-
0.3
VDD>2.5V
IOL=1.5mA
-
-
0.3
Open-drain RESET output
Voltage
VOL
VDD>5V
IOL=3mA
-
-
0.35
V
VDD>1V
IOL=100µA
-
-
0.3
VDD>2.5V
IOL=1.5mA
-
-
0.3
VOL
VDD>5V
IOL=3mA
-
-
0.35
VDD>1.1V
IOH=-30µA
0.8
-
-
VDD>2.5V
IOH=-1.5mA
2
-
-
Push-pull RESET /
RESET
Output voltage
VOH
VDD>5V
IOH=-3mA
4
-
-
V
Output leakage current
ILEAK
Only for EM6323/24_Y (open-drain)
-
-
0.5
µA
WATCHDOG INPUT (WDI)
WDI Input low
VWDI low
-
-
0.3VDD
V
WDI Input high
VWDI high
0.7VDD
-
-
V
Pulse width at WDI
tWP
TA= +25°C
1
-
-
µs
EM6323/24 J-K-L-M
1280
1600
1920
EM6323/24 A-B-C-D
5
6.25
7.5
EM6323/24 E-F-G-H
80
100
120
Watchdog timeout period
tWD
(note 6)
EM6323/24 N-P-Q-R
20480
25600
30720
ms
High-level Input Current
IIH
WDI connected to VDD, TA= +25°C
-
18
-
µA
Low-level Input Current
IIL
WDI connected to GND, TA= +25°C
-
8.3
-
µA
MANUAL RESET (
MR ) – EM6323 only
MR Input low
VMRT low
-
-
0.3VDD
V
MR Input high
VMRT high
0.7VDD
-
-
V
MR to Reset delay
tMD
-
0.3
-
µs
Pulse width at
MR (note 5)
tPMD
TA= +25°C
1
-
-
µs
MR Internal Pull-up
resistor
RMR
TA=-40°C to +125°C
7
30
74
k
Note 1: Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
Note 2: WDI, MR and RESET (RESET) open.
Note 3: Threshold voltage is specified for VDD falling.
Note 4: Standard version for tPOR is 200ms (typ). Other option (1.6ms, 25ms, 1600ms) are available by mask option and
upon minimum order quantity. Please contact EM sales.
Note 5: Pulse width must be greater than 1
µs to ensure the RESET (RESET) to go active.
Note 6: Standard version for tWD is 1600ms (typ). Other option (6.2ms, 102ms, 25.6s) are available by mask option and
upon minimum order quantity. Please contact EM sales.


Similar Part No. - EM6323LYSP5B1.7

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6323FR16BS-45L EMLSI-EM6323FR16BS-45L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6323FR16BS-45LL EMLSI-EM6323FR16BS-45LL Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6323FR16BS-85L EMLSI-EM6323FR16BS-85L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6323FR16BS-85LL EMLSI-EM6323FR16BS-85LL Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6323FR16BU-45L EMLSI-EM6323FR16BU-45L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6323LYSP5B1.7

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Sipex Corporation
SP6339 SIPEX-SP6339 Datasheet
227Kb / 13P
   Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com