Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6352ZSP5B1.6 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6352ZSP5B1.6
Description  Voltage Detector, High-Precision
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6352ZSP5B1.6 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

  EM6352ZSP5B1.6 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6352ZSP5B1.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6352ZSP5B1.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6352ZSP5B1.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6352ZSP5B1.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6352ZSP5B1.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6352ZSP5B1.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EM6352
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.I
7
www.emmicroelectronic.com
Package Information (continued)
NOTE:
"
All dimensions are in millimeters
"
Dimensions are inclusive of plating
"
Dimensions are exclusive of mold flash & metal burr
"
All specifications comply to EIAJ SC70
"
Even though the width of pin 2 on SC70-4L is slightly larger than on so-
called 4-pin SC-82AB, the footprint of SC70-4L package is compatible
with the footprint of SC-82AB package from other suppliers, and thus
suitable for pin-to-pin replacement. Please check footprint on PCB.
L
Q1
c
E
D
e
HE
b1
PIN 1
A
A1
A2
SYMBOL
MIN
MAX
e
e1
D1.80
2.20
b0.15
0.30
b1
0.575
0.70
E1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A0.80
1.10
c0.10
0.18
L0.10
0.30
0.65 BSC
0.5 BSC
b
e
e1
SC70-4L
Traceability for small packages
Due to the limited space on the package surface, the bottom marking contains a limited number of characters that provide only partial
information for lot traceability. Full information for complete traceability is however provided on the packing labels of the product at
delivery from EM. It is highly recommended that the customer insures full lot traceability of EM product in his final product.
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in the
Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site. EM assumes no
responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at
any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other
intellectual property of EM are granted in connection with the sale of EM products, expressly or by implications. EM's products are not
authorized for use as components in life support devices or systems.
Product qualification is performed according to internal EM quality standards for industrial products. For any special requirement (eg. automotive grade) please
contact EM Microelectronic-Marin S.A.
L
Q1
c
E
D
b
HE
e
e
PIN 1
NOTE:
"
All dimensions are in millimeters
"
Dimensions are inclusive of plating
"
Dimensions are exclusive of mold flash & metal burr
"
All specifications comply to EIAJ SC70
A
A1
A2
SYMBOL
MIN
MAX
e
D1.80
2.20
b0.25
0.40
E1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A0.80
1.10
c0.10
0.18
L0.10
0.30
0.65 BSC
SC70-3L


Similar Part No. - EM6352ZSP5B1.6

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6353 EMMICRO-EM6353 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-1.3 EMMICRO-EM6353BX1SP3B-1.3 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-2.6 EMMICRO-EM6353BX1SP3B-2.6 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-2.9 EMMICRO-EM6353BX1SP3B-2.9 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-4.4 EMMICRO-EM6353BX1SP3B-4.4 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
More results

Similar Description - EM6352ZSP5B1.6

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com