Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6353BY2SP3B-4.6 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6353BY2SP3B-4.6
Description  Reset Circuit with Fixed Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6353BY2SP3B-4.6 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6353BY2SP3B-4.6 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-4.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-4.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-4.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-4.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-4.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6353BY2SP3B-4.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EM6353
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.K
5
www.emmicroelectronic.com
Electrical Characteristics (continued)
Unless otherwise specified: VDD= 0.8V to 5.5V, TA=-40°C to +125°C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
EM6353B
155
200
224
Reset timeout period
tPOR
VDD from 0V to VTH (typ)+15%
(note 2 and 4). TA= +25°C
EM6353A
19.4
25
28
ms
Propagation delay time
VDD to RESET (RESET) delay
tP
VDD drops from VTH (typ)+0.2V to VTH (typ)-0.2V
(note 2). TA= +25°C
2
130
255
µs
VDD>1V
IOL=100µA
-
-
0.3
VDD>2.5V
IOL=1.5mA
-
-
0.3
Open-drain RESET output
Voltage
VOL
VDD>5V
IOL=3mA
-
-
0.3
V
VDD>1V
IOL=100µA
-
-
0.3
VDD>2.5V
IOL=1.5mA
-
-
0.3
VOL
VDD>5V
IOL=3mA
-
-
0.35
VDD>1V
IOH=-30µA
0.8
-
-
VDD>2.5V
IOH=-1.5mA
2
-
-
Push-pull RESET /
RESET
Output voltage
VOH
VDD>5V
IOH=-3mA
4
-
-
V
Output leakage current
ILEAK
Only for EM6353_Y (open-drain)
-
-
0.5
µA
Note 1: Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
VDD min=0.9V for active-high versions (EM6353_Z).
Note 2:
RESET (RESET) open.
Note 4: Standard version is EM6353B (tPOR =200ms), available at all times. EM6353A (tPOR =25ms) is available by mask option and upon
minimum order quantity. Please contact EM sales.
Timing Waveforms
Note 6: tSEN = Maximum Transient Duration. Please refer to figure on next page.
Note 7: Overdrive = VTH- -VDD. Please refer to figure on next page.
RESET
V
DD
0.8V
V
TH
t
t
logic "1"
logic "0"
t
SEN
t
logic "1"
logic "0"
RESET
t
POR
t
P
V
HYS
RESET
Overdrive


Similar Part No. - EM6353BY2SP3B-4.6

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.3 EMMICRO-EM6352XSC3B1.3 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.4 EMMICRO-EM6352XSC3B1.4 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.6 EMMICRO-EM6352XSC3B1.6 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.7 EMMICRO-EM6352XSC3B1.7 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results

Similar Description - EM6353BY2SP3B-4.6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
EM Microelectronic - MA...
EM6354 EMMICRO-EM6354 Datasheet
400Kb / 7P
   Reset Circuit with Adjustable Delay
logo
New Japan Radio
NJU7295 NJRC-NJU7295 Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com