Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA365AIDBVTG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA365AIDBVTG4
Description  2.2V, 50MHz, Low-Noise, Single-Supply Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA365AIDBVTG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA365AIDBVTG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA365AIDBVTG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA365AIDBVTG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA365AIDBVTG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA365AIDBVTG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA365AIDBVTG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA365AIDBVTG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA365AIDBVTG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA365AIDBVTG4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OPA365
OPA2365
SBOS365A − JUNE 2006 − REVISED JULY 2006
www.ti.com
8
Figure 2 shows a single-supply, electret microphone
application where VCM is provided by a resistive divider.
The divider also provides the bias voltage for the elec-
tret element.
INPUT AND ESD PROTECTION
The OPA365 incorporates internal electrostatic dis-
charge (ESD) protection circuits on all pins. In the case
of input and output pins, this protection primarily con-
sists of current steering diodes connected between the
input and power-supply pins. These ESD protection
diodes also provide in-circuit, input overdrive protec-
tion, provided that the current is limited to 10mA as
stated in the Absolute Maximum Ratings. Figure 3
shows how a series input resistor may be added to the
driven input to limit the input current. The added resistor
contributes thermal noise at the amplifier input and its
value should be kept to the minimum in noise-sensitive
applications.
RAIL−TO−RAIL INPUT
The OPA365 product family features true rail-to-rail in-
put operation, with supply voltages as low as
±1.1V
(2.2V). A unique zer
-crossover input topology elimi-
nates the input offset transition region typical of many
rail-to-rail, complementary stage operational amplifiers.
This topology also allows the OPA365 to provide superi-
or common−mode performance over the entire input
range, which extends 100mV beyond both power-sup-
ply rails; see Figure 4. When driving ADCs, the highly
linear VCM range of the OPA365 assures that the op
amp/ADC system linearity performance is not compro-
mised.
3.3V
49k
V
OUT
OPA365
Clean 3.3V Supply
1
µF
4k
6k
Electret
Microphone
5k
Figure 2. Microphone Preamplifier
5k
OPA365
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
Figure 3. Input Current Protection
OFFSET VOLTAGE vs COMMON−MODE VOLTAGE
200
150
100
50
0
−50
−150
−100
−200
−2
−3
Common−Mode Voltage (V)
3
−10
1
2
V
S = ±2.75V
OPA365
Competitors
Figure 4. OPA365 has Linear Offset Over the
Entire Common-Mode Range


Similar Part No. - OPA365AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365AIDBVTG4 TI1-OPA365AIDBVTG4 Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
More results

Similar Description - OPA365AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com