Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX29F010-90PL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NX29F010-90PL
Description  1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX29F010-90PL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NX29F010-90PL Datasheet HTML 2Page - List of Unclassifed Manufacturers NX29F010-90PL Datasheet HTML 3Page - List of Unclassifed Manufacturers NX29F010-90PL Datasheet HTML 4Page - List of Unclassifed Manufacturers NX29F010-90PL Datasheet HTML 5Page - List of Unclassifed Manufacturers NX29F010-90PL Datasheet HTML 6Page - List of Unclassifed Manufacturers NX29F010-90PL Datasheet HTML 7Page - List of Unclassifed Manufacturers NX29F010-90PL Datasheet HTML 8Page - List of Unclassifed Manufacturers NX29F010-90PL Datasheet HTML 9Page - List of Unclassifed Manufacturers NX29F010-90PL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NX29F010
6
NexFlash Technologies, Inc.
NXPF001F-0600
06/22/00 ©
Hardware Data Protection
The command sequence requirement of unlock cycles for
programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions table).
In addition, the following hardware data protection mea-
sures prevent accidental erasure or programming, which
might otherwise be caused by spurious system level
signals during VCC power-up and power-down transitions, or
from system noise.
Write Pulse "Glitch" Protection
Noise pulses of less than 5 ns (typical) on
OE, CE, or WE
do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of
OE = VIL,
CE = VIH, or WE = VIH. To initiate a write cycle, CE and WE
must be a logical zero while
OE is a logical one.
Power-Up Write Inhibit
If
WE = CE = VIL and OE = VIH during power-up, the device
does not accept commands on the rising edge of
WE. The
internal state machine is automatically reset to reading
array data on power-up.
COMMAND DEFINITIONS
Writing specific address and data commands or sequences
into the command register initiates device operations. The
Command Definitions Table 5 defines the valid register
command sequences. Writing incorrect address and data
values or writing them in the improper sequence resets the
device to reading array data.
All addresses are latched on the falling edge of
WE or CE,
whichever happens later. All data is latched on the rising
edge of
WE or CE, whichever happens first. Refer to the
appropriate timing diagrams in the "AC Characteristics"
section.
Reading Array Data
The device is automatically set to reading array data after
device power-up. No commands are required to retrieve
data. The device is also ready to read array data after
completing an Embedded Program or Embedded Erase
algorithm.
The system must issue the reset command to re-enable the
device for reading array data if the error status bit, DQ5, is set
high after an erase or program operation, or while in the
auto-select mode. See the "Reset Command" section, next.
See also "Requirements for Reading Array Data" in the
"Device Bus Operations" section for more information. The
Read Operation's table provides the read parameters, and
Read Operation Timings diagram shows the timing diagram.
Reset Command
The reset command may be written between the sequence
cycles in an erase command sequence before erasing
begins. This resets the device for reading array data. Once
erasure begins, however, the device ignores reset com-
mands until the operation is complete.
The reset command may be written between the sequence
cycles in a program command sequence before program-
ming begins. This resets the device to reading array data.
Once programming begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the sequence
cycles in an auto-select command sequence.
Once in the auto-select mode, the reset command must be
written to return to reading array data.
If the error status bit, DQ5, goes high during a program or
erase operation, writing the reset command returns the
device to reading array data.
Auto-select Command Sequence
The auto-select command sequence allows the host sys-
tem to access the manufacturer and device equivalent
codes, and determines whether or not a sector is protected.
The Command Definitions Table 5 shows the address and
data requirements. This method is an alternative to that
shown in the Auto-select Codes (High Voltage Method)
Table 4, which is intended for PROM programmers and
requires VID on address bit A9.
The auto-select command sequence is initiated by writing
two unlock cycles, followed by the auto-select command.
The device then enters the auto-select mode, and the
system may read at any address any number of times,
without initiating another command sequence.


Similar Part No. - NX29F010-90PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX200105 ETC2-NX200105 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200106 ETC2-NX200106 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200107 ETC2-NX200107 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200108 ETC2-NX200108 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
   Crystal Units, For OA / AV / Mobile Communications
More results

Similar Description - NX29F010-90PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
AMIC Technology
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com