Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2860PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2860PCBA
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2860PCBA Datasheet HTML 1Page - RF Micro Devices RF2860PCBA Datasheet HTML 2Page - RF Micro Devices RF2860PCBA Datasheet HTML 3Page - RF Micro Devices RF2860PCBA Datasheet HTML 4Page - RF Micro Devices RF2860PCBA Datasheet HTML 5Page - RF Micro Devices RF2860PCBA Datasheet HTML 6Page - RF Micro Devices RF2860PCBA Datasheet HTML 7Page - RF Micro Devices RF2860PCBA Datasheet HTML 8Page - RF Micro Devices RF2860PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8-387
RF2860
Rev A7 031105
Pin
Function
Type Description
Interface Schematic
1
LNA GAIN
DI
Logic input. High activates LNA. Low selects LNA bypass
mode.
2
LNA IN
AI
US PCS LNA input.
KPCS LNA input.
GPS LNA input.
IMT-2000 LNA input.
3GND
P
Ground via within 0.2mm of pin required.
4LNA OUT
AO
PCS LNA output. Simple external L-C components required
for matching and VCC supply.
5
ISET2
AI
External resistor required to set the mixer operating current.
6
ISET1
AI
External resistor required to set the LNA operating current.
7
MIX IN
AI
KPCS mixer RF single-end input. Matched to 50
Ω.
USPCS mixer RF single-end input. Matched to 50
Ω.
GPS mixer RF single-end input. Matched to 50
Ω.
IMT-2000 mixer RF single-end input. Matched to 50
Ω.
8RF VCC
P
External capacitor and inductor placed close to package
required.
9
IF OUT+
AO
IF output. Open collector.
10
IF OUT-
AO
IF output. Open collector.
See pin 9.
11
GND
P
Ground.
12
LO IN
AI
LO single-end input. Matched to 50
Ω.
13
VCC
P
External bypass capacitor may be required.
14
LO OUT
AO
LO output. Internal DC block. Drives 50
Ω.
15
TX BUFF
ENAB
DI
Logic input. High enables TX LO output buffer amplifiers.
16
ENABLE
DI
Logic input. Low level powers down the IC.
Pkg
Base
GND
P
Ground connection. The backside of the package should be
soldered to a top side ground pad which is connected to the
ground plane with multiple vias.
Legend:
DI=Digital Input from Baseband Chip
AI=Analog Input
AO=Analog Output
P=VCC or GND
LNA GAIN
LNA IN
V
CC
LNA OUT
LNA EMITTER
MIX IN
IF+
IF-
LO IN
70
TX BUFF
ENAB
ENABLE


Similar Part No. - RF2860PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2860PCBA-41X RFMD-RF2860PCBA-41X Datasheet
222Kb / 14P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2860PCBA-41X RFMD-RF2860PCBA-41X Datasheet
430Kb / 20P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
More results

Similar Description - RF2860PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2860 RFMD-RF2860_06 Datasheet
222Kb / 14P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2860 RFMD-RF2860_1 Datasheet
430Kb / 20P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2469 RFMD-RF2469 Datasheet
255Kb / 18P
   W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
RF2460 RFMD-RF2460_06 Datasheet
618Kb / 24P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com