Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6324LYSP5B2.2 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6324LYSP5B2.2
Description  Reset Circuit with Manual Reset and Watchdog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6324LYSP5B2.2 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6324LYSP5B2.2 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6324LYSP5B2.2 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6324LYSP5B2.2 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6324LYSP5B2.2 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6324LYSP5B2.2 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6324LYSP5B2.2 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6324LYSP5B2.2 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6324LYSP5B2.2 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6324LYSP5B2.2 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EM6323/24
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 - rev.H
8
www.emmicroelectronic.com
Functional Description
WDI
RESET
t > t
WD
t < t
WD
V
DD
t
POR
High Impedance
t
POR
MR
t
POR
Fig. 14
Reset Outputs
A microprocessor (µP) reset input starts the µP in a
known state. The EM6323/24 µP supervisory circuits
assert a reset to prevent code-execution errors during
power-up, power-down, and brownout conditions. RESET
is guaranteed to be a logic low for VDD down to 0.9V.
Once VDD exceeds the reset threshold, an internal timer
keeps RESET low for the specified reset timeout period
(tPOR); after this interval, RESET returns high.
If a brownout condition occurs (VDD dips below the reset
threshold), RESET goes low. Each time RESET is
asserted it stays low for the reset timeout period. Any
time VDD goes below the reset threshold the internal
timer restarts. RESET is the inverse of RESET.
Manual Reset Input (EM6323 only)
A logic low on MR asserts a reset. Reset remains
asserted while MR is low, and for tPOR (200ms nominal for
EM6323 C-G-L-Q) after it returns high. MR has an
internal 30k
Ω pull-up resistor, so it can be left open if
unused. This input can be driven with CMOS logic levels
or with open-drain outputs. Connect a normally open
momentary switch from MR to VSS to create a manual-
reset function; debounce circuitry is integrated. If MR is
driven from long cable or the device is used in a noisy
environment, connect a 0.1
µF capacitor from MR to VSS
to provide additional noise immunity (stronger external
additional pull-up resistor can also be added).


Similar Part No. - EM6324LYSP5B2.2

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6324LYSP5B2.2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Sipex Corporation
SP6339 SIPEX-SP6339 Datasheet
227Kb / 13P
   Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com