Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSP5N60A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SSP5N60A
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSP5N60A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SSP5N60A Datasheet HTML 1Page - Fairchild Semiconductor SSP5N60A Datasheet HTML 2Page - Fairchild Semiconductor SSP5N60A Datasheet HTML 3Page - Fairchild Semiconductor SSP5N60A Datasheet HTML 4Page - Fairchild Semiconductor SSP5N60A Datasheet HTML 5Page - Fairchild Semiconductor SSP5N60A Datasheet HTML 6Page - Fairchild Semiconductor SSP5N60A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SSP5N60A
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
Bottom :
4.5V
V
DS
, Drain-Source Voltage [V]
10
0
10
1
0
300
600
900
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS , Drain-Source Voltage [V]
0
5
10
15
20
25
30
35
0
5
10
V
DS = 480 V
V
DS = 300 V
V
DS
= 120 V
@ Notes : I
D
= 4.5 A
Q
G
, Total Gate Charge [nC]
0
2468
10
12
0
1
2
3
4
5
@ Note : T
J = 25
oC
V
GS = 20 V
V
GS = 10 V
I
D
, Drain Current [A]
2
468
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= 50 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0.4
0.6
0.8
1.0
1.2
10
-1
10
0
10
1
150
oC
25
oC
@ Notes :
1. V
GS = 0 V
2. 250
µs Pulse Test
V
SD
, Source-Drain Voltage [V]
N-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


Similar Part No. - SSP5N60A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSP5N60A VBSEMI-SSP5N60A Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SSP5N60A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com