Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI416S4030A Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # EDI416S4030A
Description  1Mx16 Bits x 4 Banks Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI416S4030A Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button EDI416S4030A Datasheet HTML 6Page - White Electronic Designs Corporation EDI416S4030A Datasheet HTML 7Page - White Electronic Designs Corporation EDI416S4030A Datasheet HTML 8Page - White Electronic Designs Corporation EDI416S4030A Datasheet HTML 9Page - White Electronic Designs Corporation EDI416S4030A Datasheet HTML 10Page - White Electronic Designs Corporation EDI416S4030A Datasheet HTML 11Page - White Electronic Designs Corporation EDI416S4030A Datasheet HTML 12Page - White Electronic Designs Corporation EDI416S4030A Datasheet HTML 13Page - White Electronic Designs Corporation EDI416S4030A Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
EDI416S4030A
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January, 2003
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Current
State
Command
Action
Notes
CE# RAS# CAS# WE#
BA
A11, A10/AP-A0
Description
Write
Recovering
with Auto
Precharge
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
X
X
Precharge
ILLEGAL
4
L
L
H
H
BA
Row Address
Bank Activate
ILLEGAL
4
L
H
L
L
BA
Column
Write
ILLEGAL
4,9
L
H
L
H
BA
Column
Read
ILLEGAL
4,9
L
H
H
L
X
X
Burst Termination
No Operation; Precharge after tDPL
L
H
H
H
X
X
No Operation
No Operation; Precharge after tDPL
H
X
X
X
X
X
Device Deselect
No Operation; Precharge after tDPL
Refreshing
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
X
X
Precharge
ILLEGAL
L
L
H
H
BA
Row Address
Bank Activate
ILLEGAL
L
H
L
L
BA
Column
Write
ILLEGAL
L
H
L
H
BA
Column
Read
ILLEGAL
L
H
H
L
X
X
Burst Termination
No Operation; idle after tRC
L
H
H
H
X
X
No Operation
No Operation; idle after tRC
H
X
X
X
X
X
Device Deselect
No Operation; idle after tRC
Mode
Register
Accessing
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
X
X
Precharge
ILLEGAL
L
L
H
H
BA
Row Address
Bank Activate
ILLEGAL
L
H
L
L
BA
Column
Write
ILLEGAL
L
H
L
H
BA
Column
Read
ILLEGAL
L
H
H
L
X
X
Burst Termination
ILLEGAL
L
H
H
H
X
X
No Operation
No Operation; Idle after two clock cycles
H
X
X
X
X
X
Device Deselect
No Operation; Idle after two clock cycles
CURRENT STATE TRUTH TABLE (CONT.)
NOTES:
1.
CKE is assumed to be active (high) in the previous cycle for all entries. The Current State is the state of the bank that the command is being applied to.
2.
All Banks must be idle otherwise it is an illegal action.
3.
If CKE is active (high) the SDRAM starts the Auto (CBR) Refresh operation, if CKE is inactive (low) then the Self Refresh mode is entered.
4.
The Current State refers only to one of the banks, if BA0, BA1 selects this bank then the action is illegal. If BA0, BA1 selects the bank not being referenced by the Current State
then the action may be legal depending on the state of that bank.
5.
If CKE is inactive (low) then the Power Down mode is entered, otherwise there is a No Operation.
6.
The minimum and maximum Active time (tRAS) must be satisfied.
7.
The RAS# to CAS# Delay (tRCD) must occur before the command is given.
8.
Address A10 is used to determine if the Auto Precharge function is activated.
9.
The command must satisfy any bus contention, bus turn around, and/or write recovery requirements. The command is illegal if the minimum bank to bank delay time (tRRD) is not
satisfied.


Similar Part No. - EDI416S4030A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V10D1 WEDC-EDI2AG272128V10D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V12D1 WEDC-EDI2AG272128V12D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V85D1 WEDC-EDI2AG272128V85D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V9D1 WEDC-EDI2AG272128V9D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
More results

Similar Description - EDI416S4030A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED48S8030E WEDC-WED48S8030E Datasheet
1Mb / 26P
   2M x 8 Bits x 4 Banks Synchronous DRAM
logo
Samsung semiconductor
KM44S32030 SAMSUNG-KM44S32030 Datasheet
116Kb / 10P
   8M x 4Bit x 4 Banks Synchronous DRAM
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com