Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI416S4030A12SI Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI416S4030A12SI
Description  1Mx16 Bits x 4 Banks Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI416S4030A12SI Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI416S4030A12SI Datasheet HTML 1Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 2Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 3Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 4Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 5Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 6Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 7Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 8Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
EDI416S4030A
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January, 2003
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
1Mx16 Bits x 4 Banks Synchronous DRAM
FEATURES
Single 3.3V power supply
Fully Synchronous to positive Clock Edge
Clock Frequency = 100, 83MHz
SDRAM CAS Latentency = 3 (100MHz), 2
(83MHz)
Burst Operation
Sequential or Interleave
Burst length = programmable 1,2,4,8 or full page
Burst Read and Write
Multiple Burst Read and Single Write
DATA Mask Control per byte
Auto Refresh (CBR) and Self Refresh
4096 refresh cycles across 64ms
Automatic and Controlled Precharge Commands
Suspend Mode and Power Down Mode
Industrial Temperature Range
The EDI416S4030A is 67,108,864 bits of synchronous high
data rate DRAM organized as 4 x 1,048,576 words x 16 bits.
Synchronous design allows precise cycle control with the
use of system clock, I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst lengths and programmable latencies allow the same
device to be useful for a variety of high bandwidth, high
performance memory system applications.
Available in a 54 pin TSOP type II package the
EDI416S4030A is tested over the industrial temp range (-
40C to +85C) providing a solution for rugged main memory
applications.
PIN DESCRIPTION
A0-11
Address Inputs
BA0, BA1
Bank Select Address
CE#
Chip Select
WE#
Write Enable
CK
Clock Input
CKE
Clock Enable
DQ0-15
Data Input/Output
L(U)DQM
Data Input/Output Mask
RAS#
Row Address Strobe
CAS#
Column Address Strobe
VCC
Power (+3.3V ±10%)
VCCQ
Data Output Power
VSS
Ground
VSSQ
Data Output Ground
NC
No Connection
DESCRIPTION
FIG. 1
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ15
VSSQ
DQ14
DQ13
VCCQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VCCQ
DQ8
VSS
NC/RFU
UDQM
CK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VSS
VCC
DQ0
VCCQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VCCQ
DQ5
DQ6
VSSQ
DQ7
VCC
LDQM
WE#
CAS#
RAS#
CE#
BA0
BA1
A10/AP
A0
A1
A2
A3
VCC


Similar Part No. - EDI416S4030A12SI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V10D1 WEDC-EDI2AG272128V10D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V12D1 WEDC-EDI2AG272128V12D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V85D1 WEDC-EDI2AG272128V85D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V9D1 WEDC-EDI2AG272128V9D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
More results

Similar Description - EDI416S4030A12SI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED48S8030E WEDC-WED48S8030E Datasheet
1Mb / 26P
   2M x 8 Bits x 4 Banks Synchronous DRAM
logo
Samsung semiconductor
KM44S32030 SAMSUNG-KM44S32030 Datasheet
116Kb / 10P
   8M x 4Bit x 4 Banks Synchronous DRAM
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com