Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI88128CXCB Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI88128CXCB
Description  128Kx8 MONOLITHIC SRAM, SMD 5962-89598
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88128CXCB Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI88128CXCB Datasheet HTML 1Page - White Electronic Designs Corporation EDI88128CXCB Datasheet HTML 2Page - White Electronic Designs Corporation EDI88128CXCB Datasheet HTML 3Page - White Electronic Designs Corporation EDI88128CXCB Datasheet HTML 4Page - White Electronic Designs Corporation EDI88128CXCB Datasheet HTML 5Page - White Electronic Designs Corporation EDI88128CXCB Datasheet HTML 6Page - White Electronic Designs Corporation EDI88128CXCB Datasheet HTML 7Page - White Electronic Designs Corporation EDI88128CXCB Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88128C
April 2005
Rev. 17
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on any pin relative to VSS
-0.5 to 7.0
V
Operating Temperature TA (Ambient)
Commercial
0 to +70
°C
Industrial
-40 to +85
°C
Military
-55 to +125
°C
Storage Temperature, Plastic
-65 to +150
°C
Power Dissipation
1
W
Output Current
20
mA
Junction Temperature, TJ
175
°C
NOTE:
Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions greater than those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.2
VCC +0.5
V
Input Low Voltage
VIL
-0.3
+0.8
V
CAPACITANCE
TA = +25°C
Parameter
Symbol
Condition
Max Unit
Address Lines
CI
VIN = VCC or VSS, f = 1.0MHz
12
pF
Input/Output Lines
CO
VOUT = VCC or VSS, f = 1.0MHz
14
pF
These parameters are sampled, not 100% tested.
TRUTH TABLE
OE#
CS1# CS2# WE#
Mode
Output
Power
X
H
X
X
Standby
High Z
Icc2, Icc3
X
X
L
X
Standby
High Z
Icc2, Icc3
X
X
L
X
Output Deselect
High Z
Icc1
H
L
H
H
Output Deselect
High Z
Icc1
L
L
H
H
Read
Data Out
Icc1
X
L
H
L
Write
Data In
Icc1
DC CHARACTERISTICS
VCC = 5V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Leakage Current
ILI
VIN = 0V to VCC
-5
+5
µA
Output Leakage Current
ILO
VI/O = 0V to VCC, CS1# ≥ VIH and/or CS2# ≤ VIL
-10
+10
µA
Operating Power Supply Current
ICC1
WE#, CS1# = VIL, II/O = 0mA, Min Cycle
(70-85ns)
120
mA
CS2# = VIH
(100ns)
110
mA
Standby (TTL) Power Supply Current
ICC2
CS1# ≥ VIH and/or CS2# ≤ VIL, VIN ≥ VIH or ≤ VIL
—10
mA
Full Standby Power Supply Current
ICC3
CS1# ≥ VCC -0.2V and/or CS2# ≤ VCC+0.2V
C
1
5
mA
VIN ≥ VCC -0.2V or VIN ≤ 0.2V
LP
1
mA
Output Low Voltage
VOL
IOL = 2.1mA
0.4
V
Output High Voltage
VOH
IOH = -1.0mA
2.4
V
NOTE: DC test conditions : VIL = 0.3V, VIH = VCC -0.3V


Similar Part No. - EDI88128CXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CDXCB WEDC-EDI88128CDXCB Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCC WEDC-EDI88128CDXCC Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCI WEDC-EDI88128CDXCI Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCM WEDC-EDI88128CDXCM Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXFB WEDC-EDI88128CDXFB Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results

Similar Description - EDI88128CXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com