Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI88128CXNB Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # EDI88128CXNB
Description  128Kx8 MONOLITHIC SRAM, SMD 5962-89598
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88128CXNB Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  EDI88128CXNB Datasheet HTML 1Page - White Electronic Designs Corporation EDI88128CXNB Datasheet HTML 2Page - White Electronic Designs Corporation EDI88128CXNB Datasheet HTML 3Page - White Electronic Designs Corporation EDI88128CXNB Datasheet HTML 4Page - White Electronic Designs Corporation EDI88128CXNB Datasheet HTML 5Page - White Electronic Designs Corporation EDI88128CXNB Datasheet HTML 6Page - White Electronic Designs Corporation EDI88128CXNB Datasheet HTML 7Page - White Electronic Designs Corporation EDI88128CXNB Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88128C
April 2005
Rev. 17
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DATA RETENTION CHARACTERISTICS (EDI88128LP & EDI88130LP ONLY)
-55°C ≤ TA ≤ +125°C
Characteristic
Low Power Version only
Symbol
Conditions
Min
Typ
Max
Units
Data Retention Voltage
VDD
VDD = 2.0V
2
V
Data Retention Quiescent Current
ICCDR
CS1# ≥ VDD -0.2V
400
µA
Chip Disable to Data Retention Time (1)
TCDR
VIN ≥ VDD -0.2V
0
ns
Operation Recovery Time (1)
TR
or VIN ≤ 0.2V
TAVAV*
––
ns
NOTE:
1. Parameter guaranteed by design, but not tested.
* Read Cycle Time
FIGURE 5 – DATA RETENTION – CS1# CONTROLLED
FIGURE 6 – DATA RETENTION — CS2 CONTROLLED
DATA RETENTION, CS1# CONTROLLED
Data Retention Mode
tR
Vcc
CS1
#
tCDR
CS1# VDD -0.2V
VDD
4.5V
4.5V
DATA RETENTION, CS2 CONTROLLED
Data Retention Mode
tR
Vcc
CS2
tCDR
CS2 ≤ 0.2V
VDD
4.5V
4.5V


Similar Part No. - EDI88128CXNB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CDXCB WEDC-EDI88128CDXCB Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCC WEDC-EDI88128CDXCC Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCI WEDC-EDI88128CDXCI Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCM WEDC-EDI88128CDXCM Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXFB WEDC-EDI88128CDXFB Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results

Similar Description - EDI88128CXNB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com