Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI88257LPXCB Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # EDI88257LPXCB
Description  256Kx8 Monolithic SRAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88257LPXCB Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  EDI88257LPXCB Datasheet HTML 1Page - White Electronic Designs Corporation EDI88257LPXCB Datasheet HTML 2Page - White Electronic Designs Corporation EDI88257LPXCB Datasheet HTML 3Page - White Electronic Designs Corporation EDI88257LPXCB Datasheet HTML 4Page - White Electronic Designs Corporation EDI88257LPXCB Datasheet HTML 5Page - White Electronic Designs Corporation EDI88257LPXCB Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88257C
September 1999
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DATA RETENTION CHARACTERISTICS (EDI88257LP ONLY)
-55°C
≤ TA ≤ +125°C
Characteristic
Low Power Version only
Sym
Conditions
Min
Typ
Max
Units
Data Retention Voltage
Data Retention Quiescent Current
VCC
ICCDR
VCC = 2.0V
E# ≥ VCC -0.2V
2
185
V
µA
Chip Disable to Data Retention Time
Operation Recovery Time
tCDR
TR
VIN ≥ VCC -0.2V
or VIN ≤ 0.2V
0
tAVAV
ns
ns
FIGURE 5 – DATA RETENTION - E# CONTROLLED
DATA RETENTION MODE
E# = VCC -0.2V
VCC
E#
tCDR
VCC
4.5V
4.5V
tR
DATA RETENTION, E# CONTROLLED


Similar Part No. - EDI88257LPXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88257LPAXCB WEDC-EDI88257LPAXCB Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257LPAXCC WEDC-EDI88257LPAXCC Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257LPAXCI WEDC-EDI88257LPAXCI Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257LPAXCM WEDC-EDI88257LPAXCM Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
More results

Similar Description - EDI88257LPXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88257CA WEDC-EDI88257CA Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
logo
Texas Instruments
BQ4014 TI-BQ4014 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014 TI-BQ4014_08 Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WSF256K8-XCX ETC1-WSF256K8-XCX Datasheet
32Kb / 2P
   256Kx8 SRAM/ FLASH MODULE
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com