Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI88512CAXMB Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI88512CAXMB
Description  512Kx8 Plastic Monolithic SRAM CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512CAXMB Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI88512CAXMB Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512CAXMB Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512CAXMB Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512CAXMB Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512CAXMB Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512CAXMB Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512CAXMB Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88512CA-RP
May 2004
Rev. 6
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on any pin relative to Vss
-0.5 to 7.0
V
Operating Temperature TA (Ambient)
Commercial
0 to +70
°C
Industrial
-40 to +85
°C
Military
-55 to +125
°C
Storage Temperature, Plastic
-65 to +150
°C
Power Dissipation
1.5
W
Output Current
20
mA
Junction Temperature, TJ
175
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.2
VCC + 0.5
V
Input Low Voltage
VIL
-0.3
+0.8
V
Parameter
Symbol
Condition
Max
Unit
Address Lines
CI
VIN = Vcc or Vss, f = 1.0MHz
6pF
Data Lines
CO
VIN = Vcc or Vss, f = 1.0MHz
8pF
These parameters are sampled, not 100% tested.
CAPACITANCE
TA = +25°C
TRUTH TABLE
OE#
CS#
WE#
Mode
Output
Power
XHX
Standby
High Z
Icc2, Icc3
HL
H
Output Deselect
High Z
Icc1
LL
H
Read
Data Out
Icc1
XL
L
Write
Data In
Icc1
DC CHARACTERISTICS
VCC = 5V, VSS = 0V, -55°C ≤ TA ≤ +125°C
NOTE:
Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any other
conditions greater than those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Input Pulse Levels
VSS to 3.0V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
Output Load
Figure 1
NOTE: For tEHQZ, tGHQZ and tWLQZ, CL = 5pF (Figure 2)
30pF
480Ω
Vcc
Q
Figure 1
Figure 2
255Ω
5pF
480Ω
Vcc
Q
255Ω
AC TEST CONDITIONS
Parameter
Symbol
Conditions
Min
Max
Units
Input Leakage Current
ILI
VCC = 5.5, VIN = VSS to VCC
10
µA
Output Leakage Current
ILO
CS# = VIL, OE# = VIH, VOUT = VSS to VCC
10
µA
Operating Supply Current
ICC
CS# = VIL, OE# = VIH, f = 5MHz, VCC = 5.5
180
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
15
mA
Output High Volltage
VOH
IOH = -4.0mA, VCC = 4.5
2.4
V
Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.4
V
NOTE: DC test conditions: VIL = 0.3V, VIH = VCC -0.3V


Similar Part No. - EDI88512CAXMB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CAXB32B WEDC-EDI88512CAXB32B Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512CAXB32C WEDC-EDI88512CAXB32C Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512CAXB32I WEDC-EDI88512CAXB32I Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512CAXB32M WEDC-EDI88512CAXB32M Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512CAXCB WEDC-EDI88512CAXCB Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
More results

Similar Description - EDI88512CAXMB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com