Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8782 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD8782
Description  N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8782 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD8782 Datasheet HTML 1Page - Fairchild Semiconductor FDD8782 Datasheet HTML 2Page - Fairchild Semiconductor FDD8782 Datasheet HTML 3Page - Fairchild Semiconductor FDD8782 Datasheet HTML 4Page - Fairchild Semiconductor FDD8782 Datasheet HTML 5Page - Fairchild Semiconductor FDD8782 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2006
©2006 Fairchild Semiconductor Corporation
FDD8782/FDU8782 Rev. A
www.fairchildsemi.com
1
FDD8782/FDU8782
N-Channel PowerTrench® MOSFET
25V, 35A, 11m
General Description
This N-Channel MOSFET has been designed specifically
to improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers. It has been optimized for low gate charge, low
rDS(on) and fast switching speed.
Application
Vcore DC-DC for Desktop Computers and Servers
VRM for Intermediate Bus Architecture
Features
Max rDS(on) = 11.0mΩ at VGS = 10V, ID = 35A
Max rDS(on) = 14.0mΩ at VGS = 4.5V, ID = 35A
Low gate charge: Qg(10) = 18nC(Typ), VGS = 10V
Low gate resistance
Avalanche rated and 100% tested
RoHS Compliant
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
25
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package Limited)
35
A
-Continuous (Die Limited)
54
-Pulsed
(Note 1)
321
EAS
Single Pulse Avalanche Energy
(Note 2)
70
mJ
PD
Power Dissipation
50
W
TJ, TSTG
Operating and Storage Temperature
-55 to 175
°C
RθJC
Thermal Resistance, Junction to Case TO-252,TO-251
3.0
°C/W
RθJA
Thermal Resistance, Junction to Ambient TO-252,TO-251
100
°C/W
RθJA
Thermal Resistance, Junction to Ambient TO-252,1in2 copper pad area
52
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD8782
FDD8782
TO-252AA
13’’
12mm
2500 units
FDU8782
FDU8782
TO-251AA
N/A(Tube)
N/A
75 units
FDU8782
FDU8782_F071
TO-251AA
N/A(Tube)
N/A
75 units
A D
F R E E I
D
G
S
Short Lead I-PAK
I-PAK
(TO-251AA)
G DS
G
D
S


Similar Part No. - FDD8782

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDD8782 VBSEMI-FDD8782 Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD8782 ISC-FDD8782 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD8782

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com