Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENH104V1-450 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # ENH104V1-450
Description  ENH104V1-350/450 Color TFT-LCD Module Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH104V1-450 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  ENH104V1-450 Datasheet HTML 1Page - White Electronic Designs Corporation ENH104V1-450 Datasheet HTML 2Page - White Electronic Designs Corporation ENH104V1-450 Datasheet HTML 3Page - White Electronic Designs Corporation ENH104V1-450 Datasheet HTML 4Page - White Electronic Designs Corporation ENH104V1-450 Datasheet HTML 5Page - White Electronic Designs Corporation ENH104V1-450 Datasheet HTML 6Page - White Electronic Designs Corporation ENH104V1-450 Datasheet HTML 7Page - White Electronic Designs Corporation ENH104V1-450 Datasheet HTML 8Page - White Electronic Designs Corporation ENH104V1-450 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ENH104V1-350/450
Original specifications created by Sharp.
3
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
White Electronic Designs
Display Systems Division
September 2003
Rev. 0
BACKLIGHT DRIVING
Parameter
Symbol
Condition
Ratings
Unit
Remark
Input voltage
VI
tA=25°C
-0.3~ VCC + 0.3
V
(1)
+5V Supply voltage
VCC
tA=25°C
0~ + 6
V
-
Storage temperature
tSTG
-
-30~ + 70
°C
(2)
Operating temperature (Ambient)
Topa
-
0~ + 65
°C
ABSOLUTE MAXIMUM RATINGS
Notes:
1.
CK, RO~R5, G0~G5, B0`B5, HSYNC, VSYNC, ENAB, R/L, U/L
2.
Humidity: 95%RH Max. at tA < 40°C
Maximum wet-bulb temperature at 39°C or less at tA < 40°C
No condensation.
Pin No.
Symbol
Function
1VHIGH
Power supply for lamp (High voltage side)
2
NC
This is electrically opened
3VLOW
Power supply for lamp (Low voltage side)
Used connector:
BHR-03VS-1(JST)
Corresponding connector:
SM02(8.0)B-BHS(JST)
WEDC
WEDC
3.
4.
CN2, CN3
R/L = High, U/D = Low
R/L = High, U/D = High
R/L = Low, U/D = Low
R/L = Low, U/D = High


Similar Part No. - ENH104V1-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH104V1-450 WEDC-ENH104V1-450 Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
More results

Similar Description - ENH104V1-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH057Q1-350 WEDC-ENH057Q1-350 Datasheet
151Kb / 16P
   ENH057Q1-350/450/600 Color TFT-LCD Module Features
ENH064V1-300 WEDC-ENH064V1-300 Datasheet
180Kb / 16P
   ENH064V1-300/450 Color TFT-LCD Module Features
ENH038QD1-450 WEDC-ENH038QD1-450 Datasheet
214Kb / 15P
   ENH038QD1-450/600/650 Color TFT-LCD Module Features
ENH050QA1-320 WEDC-ENH050QA1-320 Datasheet
331Kb / 21P
   ENH050QA1-320/450/600 Color TFT-LCD Module Features
ENH104V2-380 WEDC-ENH104V2-380 Datasheet
136Kb / 15P
   ENH104V2-380/450/600 Color TFT-LCD Module Features
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com