Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENH104V2-450 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # ENH104V2-450
Description  ENH104V2-380/450/600 Color TFT-LCD Module Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH104V2-450 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button ENH104V2-450 Datasheet HTML 5Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 6Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 7Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 8Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 9Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 10Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 11Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 12Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ENH104V2-380/450/600
Original specifications created by Sharp.
9
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
White Electronic Designs
Display Systems Division
August 2003
Rev. 0
MECHANICAL SPECIFICATIONS
211.2 (Display Area)
215.4 (Bezel Opening)
235 ±0.3
243 ±0.5
14.5
12.4
4.2
8
5 ±0.3
2.5 ±0.2
12.2 ±0.5
8.6
4
4
2 - Ø 3.5
124.3
90
Display Center
DF9B-31P-1V
60 ±10
BHR-02(8.0)VS-1N
60 ±10
BHR-02(8.0)VS-1N
2.9
2.9
2-R 1.75
5 ±0.3
2.5 ±0.2
REAR VIEW
Note: Tolerance is ±0.5mm unless noted.


Similar Part No. - ENH104V2-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH104V2-450 WEDC-ENH104V2-450 Datasheet
312Kb / 15P
   Color TFT-LCD Module Features
More results

Similar Description - ENH104V2-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH057Q1-350 WEDC-ENH057Q1-350 Datasheet
151Kb / 16P
   ENH057Q1-350/450/600 Color TFT-LCD Module Features
ENH038QD1-450 WEDC-ENH038QD1-450 Datasheet
214Kb / 15P
   ENH038QD1-450/600/650 Color TFT-LCD Module Features
ENH050QA1-320 WEDC-ENH050QA1-320 Datasheet
331Kb / 21P
   ENH050QA1-320/450/600 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
ENH064V1-300 WEDC-ENH064V1-300 Datasheet
180Kb / 16P
   ENH064V1-300/450 Color TFT-LCD Module Features
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com