Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F808 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F808
Description  Hex 2-input AND drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F808 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F808 Datasheet HTML 1Page - NXP Semiconductors 74F808 Datasheet HTML 2Page - NXP Semiconductors 74F808 Datasheet HTML 3Page - NXP Semiconductors 74F808 Datasheet HTML 4Page - NXP Semiconductors 74F808 Datasheet HTML 5Page - NXP Semiconductors 74F808 Datasheet HTML 6Page - NXP Semiconductors 74F808 Datasheet HTML 7Page - NXP Semiconductors 74F808 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F808/74F1808
Hex 2-input AND drivers
January 2, 1991
4
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
96
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
TA =
–40 to
+85
°C
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–64
mA
IOL
Low–level output current
64
mA
Tamb
Operating free air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
MIN
TYP2
MAX
VOH
High-level output voltage
VCC = MIN, VIL = MAX
±10%V
CC
2.0
V
VIH = MIN, IOH = MAX
±5%V
CC
2.0
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX
±10%V
CC
0.38
0.55
V
VIH = MIN, IOL = MAX
±5%V
CC
0.38
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-0.73
-1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High–level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low–level input current
VCC = MAX, VI = 0.5V
-20
µA
IO
Output current3
VCC = MAX
-60
-180
mA
ICC
Supply current (total)
ICCH
VCC = MAX
VIN = GND
19
27
mA
ICCL
VIN = 4.5V
30
42
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximates one half of the true short–circuit output current, IOS.


Similar Part No. - 74F808

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
More results

Similar Description - 74F808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS808B TI1-SN54AS808B_16 Datasheet
618Kb / 13P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
SN54AS808B TI-SN54AS808B Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
SN54ALS805A TI-SN54ALS805A Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
74F832 PHILIPS-74F832 Datasheet
73Kb / 8P
   Hex 2-input OR drivers
1991 Jan 02
logo
Texas Instruments
SN54ALS1804A TI-SN54ALS1804A Datasheet
59Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804A TI-SN54ALS804A Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com