Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI88130CSXL32I Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # EDI88130CSXL32I
Description  128Kx8 Monolithic SRAM, SMD 5962-89598
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88130CSXL32I Datasheet(HTML) 9 Page - White Electronic Designs Corporation

  EDI88130CSXL32I Datasheet HTML 1Page - White Electronic Designs Corporation EDI88130CSXL32I Datasheet HTML 2Page - White Electronic Designs Corporation EDI88130CSXL32I Datasheet HTML 3Page - White Electronic Designs Corporation EDI88130CSXL32I Datasheet HTML 4Page - White Electronic Designs Corporation EDI88130CSXL32I Datasheet HTML 5Page - White Electronic Designs Corporation EDI88130CSXL32I Datasheet HTML 6Page - White Electronic Designs Corporation EDI88130CSXL32I Datasheet HTML 7Page - White Electronic Designs Corporation EDI88130CSXL32I Datasheet HTML 8Page - White Electronic Designs Corporation EDI88130CSXL32I Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88130CS
March 2002
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
WHITE ELECTRONIC DESIGNS
SRAM
ORGANIZATION, 128Kx8
(130 = Dual CS)
TECHNOLOGY:
CS = CMOS Standard Power (5V)
LPS = Low Power
ACCESS TIME (ns)
PACKAGE TYPE:
C = 32 lead Sidebrazed DIP, 600 mil (Package 9)
F = 32 lead Ceramic Flatpack (Package 142)
L = 32 pad Ceramic LCC (Package 141)
L32 = 32 pad Ceramic Quad LCC (Package 12)
N = 32 lead Ceramic SOJ (Package 140)
T = 32 lead Sidebrazed DIP, 400 mil (Package 102)
DEVICE GRADE:
B = MIL-STD-883 Compliant
M = Military Screened
-55°C to +125°C
I = Industrial
-40°C to +85°C
C = Commercial
0°C to +70°C
EDI 8 8 130 CS X X X
ORDERING INFORMATION


Similar Part No. - EDI88130CSXL32I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88130CXCB WEDC-EDI88130CXCB Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CXCC WEDC-EDI88130CXCC Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CXCI WEDC-EDI88130CXCI Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CXCM WEDC-EDI88130CXCM Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CXNB WEDC-EDI88130CXNB Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
More results

Similar Description - EDI88130CSXL32I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com