Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG637V10D2 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED3DG637V10D2
Description  64MB- 8Mx64 SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG637V10D2 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED3DG637V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG637V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG637V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG637V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG637V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
W3DG647V-D2
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
8
W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(Voltage Referenced to: VSS = 0V, TA = 0°C to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V
1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
0.4
V
IOL= -2mA
Input Leakage Current
ILI
-10
10
µA
3
Note: 1. VIH (max)= 5.6V AC. The overshoot voltage duration is
≤ 3ns.
2. VIL (min)= -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VCC
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State
outputs.
CAPACITANCE
(TA = 23°C, f = 1MHz, VCC = 3.3V, VREF=1.4V ± 200mV)
Parameter
Symbo
Minl
Max
Unit
Input Capacitance (A0-A12)
CIN1
-45
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
-45
pF
Input Capacitance (CKE0)
CIN3
-45
pF
Input Capacitance (CLK0, CLK2)
CIN4
-30
pF
Input Capacitance (CS0#,CS2#)
CIN5
-25
pF
Input Capacitance (DQM0-DQM7)
CIN6
-10
pF
Input Capacitance (BA0-BA1)
CIN7
-45
pF
Data input/output capacitance (DQ0-DQ63)
COUT
-12
pF


Similar Part No. - WED3DG637V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6316V10D2 WEDC-WED3DG6316V10D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6316V75D2 WEDC-WED3DG6316V75D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6316V7D2 WEDC-WED3DG6316V7D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6319V10D2 WEDC-WED3DG6319V10D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6319V75D2 WEDC-WED3DG6319V75D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG637V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
W3DG647V-D1 WEDC-W3DG647V-D1 Datasheet
80Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG728V-D1 WEDC-WED3DG728V-D1 Datasheet
170Kb / 6P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D2 WEDC-WED3DG649V-D2 Datasheet
116Kb / 5P
   64MB- 8M x 64 SDRAM UNBUFFERED
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Samsung semiconductor
M464S1724ETS SAMSUNG-M464S1724ETS Datasheet
299Kb / 15P
   64MB, 128MB Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com