Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLT180S Datasheet(PDF) 2 Page - DB Lectro Inc

Part # FLT180S
Description  Axial Leaded PTC FLR Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FLT180S Datasheet(HTML) 2 Page - DB Lectro Inc

  FLT180S Datasheet HTML 1Page - DB Lectro Inc FLT180S Datasheet HTML 2Page - DB Lectro Inc FLT180S Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FLR Product Dimensions (Millimeters)
ABC
D
F
Part
Number
Fig
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FLR190
1
19.9
22.1
4.9
5.5
0.6
1.0
5.5
7.5
3.9
4.1
FLR190S 2
19.9
22.1
4.9
5.5
0.6
1.0
5.5
7.5
3.9
4.1
FLR260
1
20.9
23.1
4.9
5.5
0.6
1.0
4.1
5.5
3.9
4.1
FLR260S 2
20.9
23.1
4.9
5.5
0.6
1.0
4.1
5.5
3.9
4.1
FLR380
1
24.0
26.0
6.9
7.5
0.6
1.0
4.1
5.5
4.9
5.1
FLR450
1
24.0
26.0
9.9
10.5
0.6
1.0
5.3
6.7
5.9
6.1
FLR550
1
35.0
37.0
6.9
7.5
0.6
1.0
5.3
6.7
4.9
5.1
FLR600
1
24.0
26.0
13.9
14.5
0.6
1.0
4.1
5.5
5.9
6.1
FLR730
1
27.1
29.1
13.9
14.5
0.6
1.0
4.1
5.5
5.9
6.1
Thermal Derating Curve
Thermal Derating Curve - FLR Series
0%
50%
100%
150%
200%
-40
-20
0
20406080
Ambient Temperature (C)
Axial Leaded PTC FLR Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FLT180S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FLT180S DBLECTRO-FLT180S Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
More results

Similar Description - FLT180S

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FLR190F FUZETEC-FLR190F Datasheet
82Kb / 3P
   Axial Leaded PTC Resettable Fuse: FLR Series
logo
DB Lectro Inc
FSR120 DBLECTRO-FSR120 Datasheet
107Kb / 3P
   Axial Leaded PTC FSR Series
FLT070 DBLECTRO-FLT070 Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
logo
Schurter Inc.
PFST SCHURTER-PFST Datasheet
103Kb / 2P
   Axial leaded PTC-Fuses
PFLT SCHURTER-PFLT Datasheet
96Kb / 2P
   Axial leaded PTC-Fuses
PFLR SCHURTER-PFLR Datasheet
115Kb / 2P
   Axial leaded PTC-Fuses
PFVS SCHURTER-PFVS Datasheet
120Kb / 2P
   Axial leaded PTC-Fuses
logo
Fuzetec Technology Co.,...
FVL170F FUZETEC-FVL170F Datasheet
68Kb / 3P
   Axial Leaded PTC Resettable Fuse: FVL Series
FVT110F FUZETEC-FVT110F Datasheet
79Kb / 3P
   Axial Leaded PTC Resettable Fuse: FVT Series
FSR120F FUZETEC-FSR120F Datasheet
73Kb / 3P
   Axial Leaded PTC Resettable Fuse: FSR Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com