Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6352YSP5B2.6 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6352YSP5B2.6
Description  Voltage Detector, High-Precision
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6352YSP5B2.6 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6352YSP5B2.6 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6352YSP5B2.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6352YSP5B2.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6352YSP5B2.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6352YSP5B2.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6352YSP5B2.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6352YSP5B2.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EM6352
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.I
1
www.emmicroelectronic.com
Voltage Detector, High-Precision
Description
The EM6352 is an ultra-low current voltage detector
available in a large variety of configurations and very small
packages for maximum flexibility in all end-applications up to
125°C and using power supplies between 1.5V and 5.5V.
This circuit monitors the supply voltage of any electronic
system, and generates the appropriate reset signal without a
delay time. The threshold defines the minimum allowed
voltage which guarantees the good functionality of the
system. As long as VDD stays above the threshold voltage,
the output stays inactive. If VDD drops below VTH, the output
goes active. The output is guaranteed to be in the correct
state for VDD down to 0.8V. There are 12 reset threshold
voltages starting as low as 1.31V and up to 4.63V. The
EM6352 features three output types: active-low push-pull,
active-low open-drain and active-high push-pull.
Small SC70 and SOT23 packages as well as ultra-low
supply current of 2.7µA make the EM6352 an ideal choice
for portable and battery-operated devices.
Typical Application
V
DD
GND
RESET
EM6352
V
DD
GND
RESET
MPU, DSP
V
DD
GND
* R
EXT for open-drain version only
*
Pin Configuration (top view)
SC70-4L (SC-82AB)
1
2
4
3
V
DD
GND
NC
SOT23-5L
1
3
2
5
4
NC
NC
1
2
3
GND
V
DD
SOT23-3L
V
DD
GND
RESET
(RESET)
RESET
(RESET)
RESET
(RESET)
SC70-3L
1
3V
DD
RESET
(RESET)
2
GND
Features
!
Ultra-low supply current of 2.7µA (VDD=3.3V)
!
Operating temperature range: -40°C to +125°C
!
±1.5% reset threshold accuracy
!
12 reset threshold voltages VTH: 4.63V, 4.4V, 3.08V,
2.93V, 2.63V, 2.26V, 2.2V, 1.8V, 1.66V, 1.57V, 1.38V,
1.31V
!
3 reset output options:
Active-low RESET push-pull
Active-low RESET open-drain
Active-high RESET push-pull
!
No external components
!
Immune to short negative VDD transients
!
Guaranteed Reset valid down to 0.8V
!
Threshold hysteresis: 2.1% of VTH
!
Very small SOT23-5L, SOT23-3L, SC70-3L and
SC70-4L (SC-82AB) packages
Applications
!
Mobile and cordless phones
!
Modems
!
Printers
!
TV, VCR, Video sets
!
GPS
!
Toys
!
Basestations
!
NiCd cell battery
!
Automotive systems
Block Diagram
(RESET)
RESET
V
DD
GND
+
-
Voltage
Reference
Pin Description
Pin
SOT23-5L
SOT23-3L
SC70-4L
SC70-3L
Name
Function
RESET
Active-low RESET output. RESET remains low while VDD is
below the reset threshold voltage.
1
1
1
2
RESET
Active-high RESET output. RESET remains high while VDD is
below the reset threshold voltage.
2
3
2
3
VDD
Supply Voltage (5.5V max.)
3
2
4
1
GND
Ground
4, 5
-
3
-
N.C.
Not connected. Not internally connected
EM MICROELECTRONIC-MARIN SA


Similar Part No. - EM6352YSP5B2.6

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6353 EMMICRO-EM6353 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-1.3 EMMICRO-EM6353BX1SP3B-1.3 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-2.6 EMMICRO-EM6353BX1SP3B-2.6 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-2.9 EMMICRO-EM6353BX1SP3B-2.9 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6353BX1SP3B-4.4 EMMICRO-EM6353BX1SP3B-4.4 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
More results

Similar Description - EM6352YSP5B2.6

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com