Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6416V10D1 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG6416V10D1
Description  128MB- 16Mx64 SDRAM, UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6416V10D1 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG6416V10D1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6416V10D1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6416V10D1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6416V10D1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6416V10D1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6416V10D1 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W3DG6416V-D1
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2004
Rev. 0
PRELIMINARY
3.99
(0.157)
2.01 (0.079 Min)
67.72
(2.661 Max)
32.79
(1.291)
4.60 (0.181)
1.50 (0.059)
28.2
(1.112)
23.14
(0.913)
19.99
(0.787)
27.94
(1.10)
Max
3.81
(0.150)
MAX.
0.99 ± 0.10
(0.039)
(± 0.004)
3.20
(0.126)
Min
Note: For industrial temperature range product, add an "I" to the end of the part number.
Ordering Information
Speed
CAS Latency
Height*
W3DG6416V10D1
100MHz
CL=2
27.94 (1.10”)
W3DG6416V7D1
133MHz
CL=2
27.94 (1.10”)
W3DG6416V75D1
133MHz
CL=3
27.94 (1.10”)
ORDERING INFORMATION FOR D1
PACKAGE DIMENSIONS FOR D1
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).


Similar Part No. - W3DG6416V10D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6416V10D2 WEDC-W3DG6416V10D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6416V10D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com