Electronic Components Datasheet Search |
|
ES-4-T3CG-A5S Datasheet(PDF) 4 Page - DB Lectro Inc |
|
ES-4-T3CG-A5S Datasheet(HTML) 4 Page - DB Lectro Inc |
4 / 5 page ES40-T Sealed SMT Sub-Miniature Toggle Switches FEATURE 1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard 2. Carry the IP67 approvals 3. The ESD protection available - Anti-static plastic actuator -9000 V DC static resistance between toggle and terminal. 4. Surface mounting (SMT) 5. Tape and Reel package SPECIFICATIONS CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC DCELECTRICAL LIFE:30,000 make-and-break cycles at full load CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA INSULATION RESISTANCE: 1,000 M min. DIELECTRIC STRENGTH: 1,500 V RMS @ sea level. ESD Resistant Option : P2 insulating actuator only:9,000 VDC min. @ sea level,actuator to terminals. DEGREE OF PROTECTION : IP67 OPERATING TEMPERATURE: -30 Cto85 C MATERIALS CASE and BUSHING - glass filled nylon 4/6,flame retardant heat stabilized (UL94V-0 ) Actuator - Brass , chrome plated,internal o-ring seal standard with all actuators P2 / the anti-static actuator: Nylon 4/6,black standard(UL 94V-0) CONTACT AND TERMINAL - Copper alloy , silver plated SWITCH SUPPORT - Brass , tin-lead TERMINAL SEAL - Epoxy How do you build the switches you need!! ES 3 T 2 N R ES-3 ES-3B ES-3A ES-3H ES-3I Actuator T1 T2 T3 T4 T5 ESD protection actuator P2 P21 (std - black) 6.10 (white) 6.10 10.57 Std. 6.10 8.13 13.97 3.5 SP on-none-on SP on-none-(on) SP on-off-on SP (on)-off-(on) SP on-off-(on) Switches Function Terminal (none) std N backward M backward Contact Material Q silver plated R gold plated G gold over silver K gold / tin-lead IP67 the Contact K only apply to the terminal N/ M 24 A DB LECTRO Inc. DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 |
Similar Part No. - ES-4-T3CG-A5S |
|
Similar Description - ES-4-T3CG-A5S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |