Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG6316V10D2 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED3DG6316V10D2
Description  128MB-16Mx64 SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6316V10D2 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED3DG6316V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6316V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6316V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6316V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6316V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3DG6416V-D2
June 2003
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ALL DIMENSIONS ARE IN INCHES
PACKAGE DIMENSIONS
.350
.450
.250
.250
1.450
.614
2.275
4.550
2.150
1.57 (2X)
1.25 (2X)
5.255 MAX.
278
P1
.700
1.000
MAX
.157
MIN
.050±.004
.150 MAX
ORDERING INFORMATION
Part Number
Speed
CAS Latency
W3DG6416V10D2
100MHz
CL=2
W3DG6416V7D2
133MHz
CL=2
W3DG6416V75D2
133MHz
CL=3
Note:
Modules are available in industrial temperature - 40°C to 85°C. Add an "I" to the
end of the part number.
Part Number
Speed
CAS Latency
WED3DG6316V10D2
100MHz
CL=2
WED3DG6316V7D2
133MHz
CL=2
WED3DG6316V75D2
133MHz
CL=3
Note:
Available with WP (write protection) on Pin 81.


Similar Part No. - WED3DG6316V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6319V10D2 WEDC-WED3DG6319V10D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6319V75D2 WEDC-WED3DG6319V75D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6319V7D2 WEDC-WED3DG6319V7D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG6316V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com