Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD3DF64186318V75D1I-MG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WD3DF64186318V75D1I-MG
Description  128MB - 16Mx64, SDRAM UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WD3DF64186318V75D1I-MG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WD3DF64186318V75D1I-MG Datasheet HTML 1Page - White Electronic Designs Corporation WD3DF64186318V75D1I-MG Datasheet HTML 2Page - White Electronic Designs Corporation WD3DF64186318V75D1I-MG Datasheet HTML 3Page - White Electronic Designs Corporation WD3DF64186318V75D1I-MG Datasheet HTML 4Page - White Electronic Designs Corporation WD3DF64186318V75D1I-MG Datasheet HTML 5Page - White Electronic Designs Corporation WD3DF64186318V75D1I-MG Datasheet HTML 6Page - White Electronic Designs Corporation WD3DF64186318V75D1I-MG Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3DG6418V-D2
March 2006
Rev. 1
PRELIMINARY
OPERATING CURRENT CHARACTERISTICS
VCC = 3.3V, 0°C
TA 70°C
Parameters
Symbol
Conditions
Versions
Units
Note
133
100
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
720
720
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
16
mA
ICC2PS
CKE & CK ≤ VIL(max), tCC = ∞
16
mA
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC =10ns
Input signals are charged one time during 20
160
mA
ICC2NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC= ∞
Input signals are stable
80
mA
Active standby current in power-
down mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
40
mA
ICC3PS
CKE & CK ≤ VIL(max), tCC = ∞
40
Active standby in current non
power-down mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are charged one time during 20ns
240
mA
ICC3NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC = ∞
input signals are stable
200
mA
Operating current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CK
880
880
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
1600
1600
mA
2
Self refresh current
ICC6
CKE ≤ 0.2V
16
mA
Notes:
1.
Measured with outputs open.
2.
Refresh period is 64ms.


Similar Part No. - WD3DF64186318V75D1I-MG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WD30 OMRON-WD30 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-AT001 OMRON-WD30-AT001 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-ME OMRON-WD30-ME Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-ME01 OMRON-WD30-ME01 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-SE OMRON-WD30-SE Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
More results

Similar Description - WD3DF64186318V75D1I-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com