Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI88512CAXNC Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # EDI88512CAXNC
Description  512Kx8 Monolithic SRAM, SMD 5962-95600
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512CAXNC Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  EDI88512CAXNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512CAXNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512CAXNC Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512CAXNC Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512CAXNC Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512CAXNC Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512CAXNC Datasheet HTML 7Page - White Electronic Designs Corporation EDI88512CAXNC Datasheet HTML 8Page - White Electronic Designs Corporation EDI88512CAXNC Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EDI88512CA
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Characteristic
Low Power Version only
Sym
Conditions
Min
Typ
Max
Units
Data Retention Voltage
Data Retention Quiescent Current
VCC
ICCDR
VCC = 2.0V
CS#
≥ VCC -0.2V
2
2
V
mA
Chip Disable to Data Retention Time
Operation Recovery Time
tCDR
TR
VIN
≥ VCC -0.2V
or VIN
≤ 0.2V
0
tAVAV
ns
ns
DATA RETENTION CHARACTERISTICS (EDI88512LPA ONLY)
(-55°C
≤ TA ≤ +125°C)
WS32K32-XHX
FIG. 5 DATA RETENTION - CS# CONTROLLED
DATA RETENTION MODE
CS# = VCC -0.2V
VCC
CS#
tCDR
VCC
4.5V
4.5V
tR
DATA RETENTION, CS# CONTROLLED


Similar Part No. - EDI88512CAXNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CAXMB WEDC-EDI88512CAXMB Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512CAXMC WEDC-EDI88512CAXMC Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512CAXMI WEDC-EDI88512CAXMI Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512CAXMM WEDC-EDI88512CAXMM Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results

Similar Description - EDI88512CAXNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com