Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83176R-733 Datasheet(PDF) 9 Page - Winbond

Part # W83176R-733
Description  Winbond Dual Bank DDR BUFFER For VIA CHIPSET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83176R-733 Datasheet(HTML) 9 Page - Winbond

Back Button W83176R-733 Datasheet HTML 5Page - Winbond W83176R-733 Datasheet HTML 6Page - Winbond W83176R-733 Datasheet HTML 7Page - Winbond W83176R-733 Datasheet HTML 8Page - Winbond W83176R-733 Datasheet HTML 9Page - Winbond W83176R-733 Datasheet HTML 10Page - Winbond W83176R-733 Datasheet HTML 11Page - Winbond W83176R-733 Datasheet HTML 12Page - Winbond W83176R-733 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DUAL BANK DDR BUFFER FOR VIA CHIPSET
- 6 -
W83176R-733/W83176G-733
7.8 Slew rate reference table
SR<1:0>
STATUS
10/01
Normal (default)
11
Strong
00
Weak
7.9 Register 20: Skew & Slew Rate Control (Default: 8Ah)
BIT
NAME
PWD
DESCRIPTION
7
Reserved
1
Reserved
6
DDRB_TSKEW<2>
0
5
DDRB_TSKEW<1>
0
4
DDRB_TSKEW<0>
0
DDRB True clock outputs with FB_OUTB True clock
SKEW control bits
3
DDRAT/C0_SR<1>
1
2
DDRAT/C0_SR<0>
0
DDRAT/C0 slew rate control bits
1
DDRAT/C1_SR<1>
1
0
DDRAT/C1_SR<0>
0
DDRAT/C1 slew rate control bits
7.10 Register 21: Slew Rate Control (Default: AAh)
BIT
NAME
PWD
DESCRIPTION
7
DDRAT/C2_SR<1>
1
6
DDRAT/C2_SR<0>
0
DDRAT/C2 slew rate control bits
5
DDRAT/C3_SR<1>
1
4
DDRAT/C3_SR<0>
0
DDRAT/C3 slew rate control bits
3
DDRAT/C4_SR<1>
1
2
DDRAT/C4_SR<0>
0
DDRAT/C4 slew rate control bits
1
DDRAT/C5_SR<1>
1
0
DDRAT/C5_SR<0>
0
DDRAT/C5 slew rate control bits
7.11 Register 22: Slew Rate Control (Default: AAh)
BIT
NAME
PWD
DESCRIPTION
7
DDRBT/C0_SR<1>
1
6
DDRBT/C0_SR<0>
0
DDRBT/C0 slew rate control bits
5
DDRBT/C1_SR<1>
1
4
DDRBT/C1_SR<0>
0
DDRBT/C1 slew rate control bits


Similar Part No. - W83176R-733

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-732 WINBOND-W83176R-732 Datasheet
251Kb / 11P
   WINBOND 2DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
W83176R-732 WINBOND-W83176R-732 Datasheet
402Kb / 12P
   2 DIMM DDR ZERO DELAY buffer for Sis chipset
W83176R-732 WINBOND-W83176R-732_06 Datasheet
402Kb / 12P
   2 DIMM DDR ZERO DELAY buffer for Sis chipset
W83176R-735 WINBOND-W83176R-735 Datasheet
238Kb / 11P
   3 DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
W83176R-735 WINBOND-W83176R-735 Datasheet
245Kb / 13P
   DIMM DDR ZERO DELAY BUFFER
More results

Similar Description - W83176R-733

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-732 WINBOND-W83176R-732 Datasheet
251Kb / 11P
   WINBOND 2DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
logo
Silicon Laboratories
W311 SILABS-W311 Datasheet
462Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311_05 Datasheet
371Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
SpectraLinear Inc
W311 SPECTRALINEAR-W311 Datasheet
249Kb / 18P
   FTG for VIA??Pro-266 DDR Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
logo
Winbond
W83176R-735 WINBOND-W83176R-735 Datasheet
238Kb / 11P
   3 DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
W83176R-732 WINBOND-W83176R-732_06 Datasheet
402Kb / 12P
   2 DIMM DDR ZERO DELAY buffer for Sis chipset
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com