Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3856 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG3856
Description  Low Voltage 1.0??Max Dual SP3T Switch With Break Before Make Feature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3856 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG3856 Datasheet HTML 5Page - STMicroelectronics STG3856 Datasheet HTML 6Page - STMicroelectronics STG3856 Datasheet HTML 7Page - STMicroelectronics STG3856 Datasheet HTML 8Page - STMicroelectronics STG3856 Datasheet HTML 9Page - STMicroelectronics STG3856 Datasheet HTML 10Page - STMicroelectronics STG3856 Datasheet HTML 11Page - STMicroelectronics STG3856 Datasheet HTML 12Page - STMicroelectronics STG3856 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STG3856
3 Electrical Characteristics
9/13
3.3
Analog Switch
Table 7.
Analog Switch Characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Symbol
Parameter
Test Condition
Value
Unit
VCC (V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min.
Typ. Max.
Min. Max.
Min.
Max.
OIRR
Off Isolation (1)
1.
OFF Isolation = 20Log10 (VD/VS), VD = output, VS = input at off switch
1.65-4.3
VS=1VRMS
f=100kHz
-82
dB
Xtalk
Crosstalk
1.6-4.3
VS=1VRMS
f=100kHz
-84
dB
THD
Total Harmonic
Distortion
2.3-4.3
RL=600Ω
VIN=2VPP
f=20Hz to 20kHz
0.03
%
BW
-3dB
Bandwidth
1.65-4.3
RL=50Ω
100
MHz
CIN
Control Pin
Input
Capacitance
5
pF
CSn(OFF)
Sn Port OFF
Capacitance
3.3
f = 1MHz
23
CSn(ON)
Sn Port ON
Capacitance
3.3
f = 1MHz
70
CD
D Port
Capacitance
when Switch is
Enabled
3.3
f = 1MHz
70


Similar Part No. - STG3856

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3856 STMICROELECTRONICS-STG3856 Datasheet
344Kb / 15P
   Low voltage 1.0 max dual SP3T switch with break-before-make feature
STG3856QTR STMICROELECTRONICS-STG3856QTR Datasheet
344Kb / 15P
   Low voltage 1.0 max dual SP3T switch with break-before-make feature
More results

Similar Description - STG3856

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3856QTR STMICROELECTRONICS-STG3856QTR Datasheet
344Kb / 15P
   Low voltage 1.0 max dual SP3T switch with break-before-make feature
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
   LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
   LOW VOLTAGE 0.5/0.8??MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3384 STMICROELECTRONICS-STG3384 Datasheet
131Kb / 12P
   Low voltage 0.9廓 max dual SPST switch with break before make feature
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
   Low Voltage 0.9廓 max dual SPDT Switch with break-before-make feature
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
   Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
   LOW VOLTAGE 0.5??MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
   LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com