Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54317 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54317
Description  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54317 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54317 Datasheet HTML 3Page - Texas Instruments TPS54317 Datasheet HTML 4Page - Texas Instruments TPS54317 Datasheet HTML 5Page - Texas Instruments TPS54317 Datasheet HTML 6Page - Texas Instruments TPS54317 Datasheet HTML 7Page - Texas Instruments TPS54317 Datasheet HTML 8Page - Texas Instruments TPS54317 Datasheet HTML 9Page - Texas Instruments TPS54317 Datasheet HTML 10Page - Texas Instruments TPS54317 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
−40
0
25
85
125
VI = 3.3 V
TJ − Junction Temperature − °C
0
20
40
60
80
100
−40
0
25
85
125
VI = 5 V
TJ − Junction Temperature − °C
450
−40
0
25
550
750
85
125
650
350
250
TJ − Junction Temperature − °C
SYNC
≥ 2.5 V
SYNC
≤ 0.8 V
0.889
−40
0
25
0.895
85
125
0.893
0.887
0.885
TJ − Junction Temperature − °C
0.891
1050
−40
0
25
1100
1200
85
125
1150
1000
T − Junction T
J
emperature − C
o
RT = 43 kW
450
500
−40
0
25
600
85
125
550
400
T − Junction T
J
emperature − C
o
RT = 100 kW
f − Frequency − Hz
60
40
0
0
10
100
1 k
10 k 100 k 1 M
80
100
140
10 M
120
20
−20
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
−200
RL= 10 kΩ,
CL = 160 pF,
TA = 25°C
Phase
Gain
TJ − Junction Temperature − °C
3.35
3.20
2.90
−40
0
25
85
3.50
3.65
125
3.80
3.05
2.75
0
0.2
0.4
0.6
0.8
1
1.2
0
1
1.5
2
2.5
0.5
3
I
− Output Current − A
O
T = 25 C,
A
o
f = 700 kHz,
V = 5 V,
V
= 3.3 V
s
I
O
TPS54317
SLVS619A – NOVEMBER 2005 – REVISED FEBRUARY 2006
DRAIN-SOURCE ON-STATE
DRAIN-SOURCE ON-STATE
INTERNALLY SET OSCILLATOR
RESISTANCE
RESISTANCE
FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
EXTERNALLY SET OSCILLATOR
EXTERNALLY SET OSCILLATOR
VOLTAGE REFERENCE
FREQUENCY
FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
ERROR AMPLIFIER
INTERNAL SLOW-START TIME
DEVICE POWER LOSSES
OPEN LOOP RESPONSE
vs
vs
JUNCTION TEMPERATURE
LOAD CURRENT
Figure 7.
Figure 8.
Figure 9.
7
Submit Documentation Feedback


Similar Part No. - TPS54317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54317 TI-TPS54317 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54317 TI-TPS54317 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS54317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC1 TI-TPS50601VTDC1 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50301-HT TI-TPS50301-HT_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
TPS54377 TI-TPS54377 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS50601-DIE TI-TPS50601-DIE_15 Datasheet
184Kb / 7P
[Old version datasheet]   TPS50601-DIE 1.6-V TO 6.3-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com