Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6605WW27 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6605WW27
Description  Low Power Microcontroller with 300kHz RC Oscillator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6605WW27 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6605WW27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6605WW27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6605WW27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6605WW27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6605WW27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6605WW27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6605WW27 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6605WW27 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6605WW27 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
EM6605
03/01 REV. C/441
*Copyright
 2002, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
4.Oscillator
A built-in RC oscillator circuit generates the system operating clock ck[16] for the CPU and peripheral
circuits with the help of an externally connected resistor (between RCin and Vss) which determins the
frequency and a capacitor for better frequency stability (refer also to chapter 16.2). The oscillator circuit is
supplied by the regulated voltage, Vreg. In SLEEP mode the oscillator is stopped.
NOTE: Because the frequency can be selected by the user with an external resistor in a range from 30kHz
- 130kHz (LF range) or 100kHz - 330kHz (HF range) (LF or HF range selected by metal option, refer to
chapter 14) there is a table of corresponding frequencies for 3 different system clock frequencies. From
now on besides each freq. name ck[x] there will be also an example for 32 768 Hz system clock marked
by (*f1) to indicate first - lowest frequency.
Table 6. Prescaler clock name definitions and frequency examples
function
Name
frequency 1 (*f1)
frequency 2 (*f2)
frequency 3 (*f3)
system clock
ck[16]
32 768 Hz
131 072 Hz
327 680 Hz
sys. clock / 2
ck[15]
16 348 Hz
65 536 Hz
163 480 Hz
sys. clock / 4
ck[14]
8 192 Hz
32 768 Hz
81 920 Hz
sys. clock / 8
ck[13]
4 096 Hz
16 348 Hz
40 960 Hz
sys. clock / 16
ck[12]
2 048 Hz
8 192 Hz
20 480 Hz
sys. clock / 32
ck[11]
1 024 Hz
4 096 Hz
10 240 Hz
sys. clock / 64
ck[10]
512 Hz
2 048 Hz
5 120 Hz
sys. clock / 128
ck[9]
256 Hz
1 024 Hz
2 560 Hz
sys. clock / 256
ck[8]
128 Hz
512 Hz
1 280 Hz
sys. clock / 512
ck[7]
64 Hz
256 Hz
640 Hz
sys. clock / 1024
ck[6]
32 Hz
128 Hz
320 Hz
sys. clock / 2048
ck[5]
16 Hz
64 Hz
160 Hz
sys. clock / 4096
ck[4]
8 Hz
32 Hz
80 Hz
sys. clock / 8192
ck[3]
4 Hz
16 Hz
40 Hz
sys. clock / 16384
ck[2]
2 Hz
8 Hz
20 Hz
sys. clock / 32768
ck[1]
1 Hz
4 Hz
10 Hz
debouncer - long
tdebL
16 msec
4 msec
1.6 msec
debouncer - short
tdebS
2 msec
0.5 msec
0.2 msec
cold start delay
tCoSt
~ 2 msec
~ 1 msec
~ 0.7 msec
1st buzzer freq.
ck[buz1]
1 024 Hz
4 096 / *512 Hz
10 240/ *1 280 Hz
2nd buzzer freq.
ck[buz2]
2 048 Hz
8 192 / *1 024 Hz
20 480/ *2 560 Hz
3rd buzzer freq.
ck[buz3]
2 667 Hz
10 667 Hz
26 667 Hz
buzzer frequencies for Hi frequency system clock have metal option
4.1.Prescaler
The input to the prescaler is the system clock signal.
The prescaler consists of a fifteen element divider chain
which delivers clock signals for the peripheral circuits
such as the timer/counter, buzzer, I/O debouncers and
edge detectors, as well as generating prescaler
interrupts.
Table 7.Prescaler interrupt source
Interrupt frequency
PSF1
PSF0
mask(no interrupt)
0
0
ck[1]
(1Hz *f1)
01
ck[4]
(8Hz *f1)
10
ck[6]
(32Hz *f1)
11
The frequency of prescaler interrupts is software selectable, as shown in Table 7


Similar Part No. - EM6605WW27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
EM6605 NSC-EM6605 Datasheet
98Kb / 43P
   4 bit Microcontroller
More results

Similar Description - EM6605WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6640 EMMICRO-EM6640 Datasheet
610Kb / 62P
   Low Power Microcontroller with EEPROM AND RC Oscillator
EM6635 EMMICRO-EM6635 Datasheet
793Kb / 39P
   Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
logo
ATMEL Corporation
ATMEGA128RFR2 ATMEL-ATMEGA128RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
ATMEGA64RFR2 ATMEL-ATMEGA64RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
   internal RC oscillator calibration
logo
ATMEL Corporation
ATMEGA256RFR2 ATMEL-ATMEGA256RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
   RC oscillator on chip
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555_15 Datasheet
947Kb / 18P
   IttyBitty짰 RC Timer/Oscillator
MIC1555 MICREL-MIC1555 Datasheet
166Kb / 8P
   IttyBitty??RC Timer / Oscillator
logo
IK Semicon Co., Ltd
BT8031-XX IKSEMICON-BT8031-XX Datasheet
269Kb / 3P
   RC oscillator on chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com