Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F85N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # N74F85N
Description  4-bit magnitude comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F85N Datasheet(HTML) 2 Page - NXP Semiconductors

  N74F85N Datasheet HTML 1Page - NXP Semiconductors N74F85N Datasheet HTML 2Page - NXP Semiconductors N74F85N Datasheet HTML 3Page - NXP Semiconductors N74F85N Datasheet HTML 4Page - NXP Semiconductors N74F85N Datasheet HTML 5Page - NXP Semiconductors N74F85N Datasheet HTML 6Page - NXP Semiconductors N74F85N Datasheet HTML 7Page - NXP Semiconductors N74F85N Datasheet HTML 8Page - NXP Semiconductors N74F85N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F85
4-bit magnitude comparator
2
September 27, 1994
853–0055 13903
FEATURES
High-impedance NPN base inputs for reduced loading
(20
µA in High and Low states)
Magnitude comparison of any binary words
Serial or parallel expansion without extra gating
DESCRIPTION
The 74F85 is a 4-bit magnitude comparator that can be expanded to
almost any length. It compares two 4-bit binary, BCD, or other
monotonic codes and presents the three possible magnitude results
at the outputs. The 4-bit inputs are weighted (A0–A3) and (B0–B3)
where A3 and B3 are the most significant bits. The operation of the
74F85 is described in the Function Table, showing all possible logic
conditions. The upper part of the table describes the normal
operation under all conditions that will occur in a single device or in
a series expansion scheme. In the upper part of the table the three
outputs are mutually exclusive. In the lower part of the table, the
outputs reflect the feed-forward conditions that exist in the parallel
expansion scheme. The expansion inputs IA>B, and IA=B and IA<B
are the least significant bit positions. When used for series
expansion, the A>B, A=B and A<B outputs of the lease significant
word are connected to the corresponding IA>B, IA=B and IA<B inputs
of the next higher stage. Stages can be added in this manner to any
length, but a propagation delay penalty of about 15ns is added with
each additional stage. For proper operation, the expansion inputs of
the least significant word should be tied as follows: IA>B = Low,
IA=B = High, and IA<B = Low.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
A<B
VCC
A1
B1
A0
A2
A3
B2
B3
IA<B
A=B
IA=B
IA>B
A>B
9
8
GND
B0
SF00075
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F85
7.0ns
40mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F85N
SOT38-4
16-pin plastic SO
N74F85D
SOT162-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
A0–A3
Comparing inputs
1.0/0.033
20
µA/20µA
B0–B3
Comparing inputs
1.0/0.033
20
µA/20µA
IA<B, IA=B, IA>B
Expansion inputs (active High)
1.0/0.033
20
µA/20µA
A<B, A=B, A>B
Data outputs (active High)
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
56
7
10
12
13
15
9
11
14
VCC = Pin 16
GND = Pin 8
SF00076
1
A0
A1
A2
A3
B0
B1
B2
B3
A>B
A=B
A<B
IA>B
IA=B
IA<B
2
3
4
IEC/IEEE SYMBOL
SF00077
COMP
7
6
5
10
12
13
15
9
11
14
1
2
3
4
0
3
0
3
<
=
>
P<Q
P=Q
P>Q
P
Q


Similar Part No. - N74F85N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F804D PHILIPS-N74F804D Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
N74F804N PHILIPS-N74F804N Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
N74F805D PHILIPS-N74F805D Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
N74F805N PHILIPS-N74F805N Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
N74F808D PHILIPS-N74F808D Datasheet
74Kb / 8P
   Hex 2-input AND drivers
1991 Jan 02
More results

Similar Description - N74F85N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
   4-BIT MAGNITUDE COMPARATOR
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
   4-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
   4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com