Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6621WW11 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6621WW11
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6621WW11 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6621WW11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6621WW11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6621WW11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6621WW11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6621WW11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6621WW11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6621WW11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6621WW11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6621WW11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
EM6621
© EM Microelectronic-Marin SA, 03/99, Rev. B/
03/02 REV. D/444
Copyright
 2002, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
4.4 Digital Watchdog Timer Reset
The digital watchdog is a simple, non-programmable, 2-bit timer, that counts on each rising edge of Ck[1]. It will
generate a system reset if it is not periodically cleared. The watchdog timer function can be inhibited by
activating an inhibit digital watchdog bit (NoLogicWD) located in RegVldCntl. At power up, and after any
system reset, the watchdog timer is activated.
If for any reason the CPU stops, then the watchdog timer can detect this situation and activate the system reset
signal. This function can be used to detect program overrun, endless loops, etc. For normal operation, the
watchdog timer must be reset periodically by software at least every 2.5 seconds (system clock = 32 KHz), or a
system reset signal is generated.
The watchdog timer is reset by writing a ‘1’ to the WDReset bit in the timer. This resets the timer to zero and
timer operation restarts immediately. When a ‘0’ is written to WDReset there is no effect. The watchdog timer
operates also in the standby mode and thus, to avoid a system reset, one should not remain in standby mode
for more than 2.5 seconds.
From a system reset state, the watchdog timer will become active after 3.5 seconds. However, if the watchdog
timer is influenced from other sources (i.e. prescaler reset), then it could become active after just 2.5 seconds. It
is therefore recommended to use the Prescaler IRQHz1 interrupt to periodically reset the watchdog every
second.
It is possible to read the current status of the watchdog timer in RegSysCntl2. After watchdog reset, the
counting sequence is (on each rising edge of CK[1]) : ‘00’, ‘01’, ‘10’, ‘11’ {WDVal1 WDVal0}. When going into
the ‘11’ state, the watchdog reset will be active within ½ second. The watchdog reset activates the system reset
which in turn resets the watchdog. If the watchdog is inhibited it’s timer is reset and therefore always reads ‘0’.
Table 4.4.1 Watchdog Timer Register RegSysCntl2
Bit
Name
Reset
R/W
Description
3
WDReset
0
R/W
Reset the Watchdog
1 -> Resets the Logic Watchdog
0 -> No action
The Read value is always '0'
2
SleepEn
0
R/W
See Operating modes (sleep)
1
WDVal1
0
R
Watchdog timer data Ck[1] divided by 4
0
WDVal0
0
R
Watchdog timer data Ck[1] divided by 2
4.5 CPU State after Reset
Reset initializes the CPU as shown in Table 4.5.1 below.
Table 4.5.1 Initial CPU Value after Reset.
Name
Bits
Symbol
Initial Value
Program counter 0
12
PC0
hex 000 (as a result of Jump 0)
Program counter 1
12
PC1
Undefined
Program counter 2
12
PC2
Undefined
Stack pointer
2
SP
PSP[0] selected
Index register
7
IX
Undefined
Carry flag
1
CY
Undefined
Zero flag
1
Z
Undefined
Halt
1
HALT
0
Instruction register
16
IR
Jump 0
Periphery registers
4
Reg.
See peripheral memory map


Similar Part No. - EM6621WW11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP11 EMMICRO-EM6620WP11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP27 EMMICRO-EM6620WP27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS11 EMMICRO-EM6620WS11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS27 EMMICRO-EM6620WS27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
More results

Similar Description - EM6621WW11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
   Ultra Low Power uController with 4x20 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
   MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
logo
List of Unclassifed Man...
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
   LCD-Modul 4x20 - 6.45mm
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
   MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com