Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6622WW27 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6622WW27
Description  Ultra Low Power Microcontroller with 4x32 LCD Driver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6622WW27 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6622WW27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6622WW27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6622WW27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6622WW27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6622WW27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6622WW27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6622WW27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6622WW27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6622WW27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
EM6622
03/02 REV. C/445
Copyright
 2002, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
1. Pin Description for EM6622
Chip
TQFP
64
DIL
64
Signal Name
Function
Remarks
1
6
62
C2B
Voltage multiplier
Not needed if ext. supply
2
7
63
C2A
Voltage multiplier
Not needed if ext. supply
3
8
64
C1B
Voltage multiplier
Not needed if ext. supply
4
9
1
C1A
Voltage multiplier
Not needed if ext. supply
5
10
2
VL1
Voltage multiplier level 1
LCD level 1 input, if external
supply selected
6
11
3
VL2
Voltage multiplier level 2
LCD level 2 input, if external
supply selected
7
12
4
VL3
Voltage multiplier level 3
LCD level 3 input, if external
supply selected
8
13
5
COM[1]
LCD back plane 1
9
14
6
COM[2]
LCD back plane 2
10
15
7
COM[3]
LCD back plane 3
11
16
8
COM[4]
LCD back plane 4
Not used if 3 times multiplexed
12
17
9
SEG[32]
LCD Segment 32
13
18
10
SEG[31]
LCD Segment 31
14
19
11
SEG[30]
LCD Segment 30
15
20
12
SEG[29]
LCD Segment 29
16
21
13
SEG[28]
LCD Segment 28
17
22
14
SEG[27]
LCD Segment 27
18
23
15
SEG[26]
LCD Segment 26
19
24
16
SEG[25]
LCD Segment 25
20
25
17
SEG[24]
LCD Segment 24
21
26
18
SEG[23]
LCD Segment 23
22
27
19
SEG[22]
LCD Segment 22
23
28
20
SEG[21]
LCD Segment 21
24
29
21
SEG[20]
LCD Segment 20
25
30
22
SEG[19]
LCD Segment 19
26
31
23
SEG[18]
LCD Segment 18
27
32
24
SEG[17]
LCD Segment 17
28
33
25
SEG[16]
LCD Segment 16
29
34
26
SEG[15]
LCD Segment 15
30
35
27
SEG[14]
LCD Segment 14
31
36
28
SEG[13]
LCD Segment 13
32
37
29
SEG[12]
LCD Segment 12
33
38
30
SEG[11]
LCD Segment 11
34
39
31
SEG[10]
LCD Segment 10
35
40
32
SEG[9]
LCD Segment 9
36
41
33
SEG[8]
LCD Segment 8
37
42
34
SEG[7]
LCD Segment 7
38
43
35
SEG[6]
LCD Segment 6
39
44
36
SEG[5]
LCD Segment 5
40
45
37
SEG[4]
LCD Segment 4
41
46
38
SEG[3]
LCD Segment 3
42
47
39
SEG[2]
LCD Segment 2
43
48
40
SEG[1]
LCD Segment 1
44
49
41
Reset
Input reset terminal,
internal pull-down 15 KOhm
Main reset
45
50
42
Test
Input test terminal,
internal pull-down 15 KOhm
For EM tests only, ground 0 !
Except when needed for MFP
programming


Similar Part No. - EM6622WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP11 EMMICRO-EM6620WP11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP27 EMMICRO-EM6620WP27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS11 EMMICRO-EM6620WS11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS27 EMMICRO-EM6620WS27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
More results

Similar Description - EM6622WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
   MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
   Ultra Low Power uController with 4x20 LCD Driver
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
   MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com