Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZP-3026Z Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # SZP-3026Z
Description  3.0-3.8GHz 2W InGaP Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SZP-3026Z Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  SZP-3026Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SZP-3026Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SZP-3026Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SZP-3026Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SZP-3026Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SZP-3026Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SZP-3026Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SZP-3026Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SZP-3026Z Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
5
EDS-104666 Rev D
Preliminary
SZP-3026Z 3.0-3.8GHz 2W Power Amp
Measured 3.4-3.6 GHz, 5V Application Circuit Data (Vcc = Vpc = 5.0V, Iq = 385mA, T=25C)
Noise Figure vs Frequency, O.T.
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
3.3
3.4
3.5
3.6
3.7
3.8
Frequency(GHz)
-40c
+25c
+85c
DC Supply Current vs Pout, T=+25C
0.3
0.5
0.7
0.9
1.1
1.3
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
3.4GHz
3.5GHz
3.6GHz
3.7GHz
DC Supply Current vs Pout, F=3.5GHz
0.3
0.5
0.7
0.9
1.1
1.3
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
-40c
+25c
+85c
RF Power Detector (Vdet) vs Pout, F=3.4GHz
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
-40c
+25c
+85c
RF Power Detector (Vdet) vs Pout, F=3.6GHz
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
-40c
+25c
+85c
RF Power Detector (Vdet) vs Pout, F=3.7GHz
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
-40c
+25c
+85c
```


Similar Part No. - SZP-3026Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
More results

Similar Description - SZP-3026Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
RF Micro Devices
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com