Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6434V10D2 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG6434V10D2
Description  256MB - 2x16Mx64 SDRAM UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6434V10D2 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG6434V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6434V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6434V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6434V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6434V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6434V10D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
July 2004
Rev 1
W3DG6434V-D2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
3.99
(0.157)
(2X)
8.89
(0.350)
6.35
(0.250)
P1
11.43
(0.450)
3.18
(0.125) (2X)
133.48
(5.255 MAX.)
115.57
(4.550)
6.35
(0.250)
54.61
(2.150)
1.27
(0.050 ± 0.004)
3.99
(0.157 MIN.)
3.81
(0.150)
MAX.
30.48
(1.200)
MAX.
17.78
(0.700)
42.16
(1.660)
36.83
(1.450)
Part Number
Speed
CAS Latency
Height*
W3DG6334V10D2
100MHz
CL=2
30.48 (1.20")
W3DG6334V7D2
133MHz
CL=2
30.48 (1.20")
W3DG6334V75D2
133MHz
CL=3
30.48 (1.20")
Note: Available with "WP" Write Protect on pin 81.
Part Number
Speed
CAS Latency
Height*
W3DG6434V10D2
100MHz
CL=2
30.48 (1.20")
W3DG6434V7D2
133MHz
CL=2
30.48 (1.20")
W3DG6434V75D2
133MHz
CL=3
30.48 (1.20")
ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS
ORDERING INFORMATION
NOTES:
• Consult Factory for availability of Lead-Free or RoHS products. (F = Lead-Free, G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3DG6434V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6430V-D2 WEDC-W3DG6430V-D2 Datasheet
132Kb / 6P
   256MB - 32M x 64 BUFFERED SDRAM MODULE
W3DG6430V10D2 WEDC-W3DG6430V10D2 Datasheet
132Kb / 6P
   256MB - 32M x 64 BUFFERED SDRAM MODULE
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V10D2 WEDC-W3DG6432V10D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V75D2 WEDC-W3DG6432V75D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6434V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG216M64STSU-D4 WEDC-WV3EG216M64STSU-D4 Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S-D3 WEDC-W3EG6433S-D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com