Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6463V75D2-X Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG6463V75D2-X
Description  512MB - 2x32Mx64 SDRAM UNBUFFERED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6463V75D2-X Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG6463V75D2-X Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6463V75D2-X Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6463V75D2-X Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6463V75D2-X Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6463V75D2-X Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6463V75D2-X Datasheet HTML 6Page - White Electronic Designs Corporation W3DG6463V75D2-X Datasheet HTML 7Page - White Electronic Designs Corporation W3DG6463V75D2-X Datasheet HTML 8Page - White Electronic Designs Corporation W3DG6463V75D2-X Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
July 2005
Rev. 2
W3DG6463V-D2
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
VCC, VCCQ = +3.3V ±0.3V
AC CHARACTERISTICS
SYMBOL
7
7.5
10
UNITS
NOTE
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
Access timefrom CLK (pos.edge)
CL = 3
tAC(3)
5.4
5.4
6
ns
27
CL = 2
tAC(2)
5.4
6
6
ns
Address hold time
tAH
0.8
0.8
1
ns
Address setup time
tAS
1.5
1.5
2
ns
CLK high-level width
tCH
2.5
2.5
3
ns
CLK low-level width
tCL
2.5
2.5
3
ns
Clock cycle time
CL = 3
tCK(3)
7
7.5
8
ns
23
CL = 2
tCK(2)
7.5
10
10
ns
23
CKE hold time
tCKH
0.8
0.8
1
ns
CKE setup time
tCKS
1.5
1.5
2
ns
CS#, RAS#, CAS#, WE#, DQM hold time
tCMH
0.8
0.8
1
ns
CS#, RAS#, CAS#, WE#, DQM setup time
tCMS
1.5
1.5
2
ns
Data-in hold time
tDH
0.8
0.8
1
ns
Data-in setup time
tDS
1.5
1.5
2
ns
Data-out high-impedance time
CL = 3
tHZ(3)
5.4
5.4
6
ns
10
CL = 2
tHZ(2)
5.4
6
6
ns
10
Data-out low-impedance time
tLZ
111
ns
Data-out hold time (load)
tOH
2.7
2.7
2.7
ns
Data-out hold time (no load)
tOHN
1.8
1.8
1.8
ns
28
ACTIVE to PRECHARGE command
tRAS
37
120,000
44
120,000
50
120,000
ns
ACTIVE to ACTIVE command period
tRC
60
66
66
ns
ACTIVE to READ or WRITE delay
tRCD
15
20
20
ns
Refresh period
tREF
64
64
64
ms
AUTOREFRESH period
tRFC
66
66
66
ns
PRECHARGE command period
tRP
15
20
20
ns
ACTIVE bank a to ACTIVE bank b command
tRRD
14
15
15
ns
Transition time
tT
0.3
1.2
0.3
1.2
0.3
1.2
ns
7
WRITE recovery time
tWR
1 CLK
+
7ns
1 CLK
+
7.5ns
1 CLK
+
7.5ns
24
14
15
15
ns
25
Exit SELF REFRESH to ACTIVE command
tXSR
67
75
80
ns
20


Similar Part No. - W3DG6463V75D2-X

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6464V-D1 WEDC-W3DG6464V-D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V10D1 WEDC-W3DG6464V10D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V75D1 WEDC-W3DG6464V75D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V7D1 WEDC-W3DG6464V7D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6463V75D2-X

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com