Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCGF5A2D2721 Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # HCGF5A2D2721
Description  SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HCGF5A2D2721 Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  HCGF5A2D2721 Datasheet HTML 1Page - Hitachi Metals, Ltd HCGF5A2D2721 Datasheet HTML 2Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
55
Hitachi AIC Inc.
Standard value and case size
Type of series
Type of bracket code
Capacitance code
Rated voltage code
Terminal code A (screw)
Product symbol : (Example) HCGF5 Series A case 400V 10,000µF ±20%
HCGF5 A 2G 103 Y
Temperature (°C)
40
60
70
85
Correction coefficient
1.0
0.75
0.62
0.37
Frequency (Hz)
50/60
120
300
1K
10K
Correction coefficient
0.7
1.0
1.1
1.3
1.4
Ripple current correction coefficient
Product Specifications
HCGF5A Series
Useful of 4,000 hours at 85°C (Warranty of 2,000 hours at 85°C)
Features
• Standard products that have been used for many years.
Ripple current should be under 60Arms at M5 terminal in accordance with from
the permissible current.
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
160V(2C)
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
36·121
51·75
51·75
51·96
51·96
51·115
64·96
64·96
64·130
64·130
77·130
77·130
90·131
90·157
A12
C8R
C8R
C10R
C10R
C12R
D10R
D10R
D13R
D13R
E13R
E13R
F13R
F16R
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
14.0
14.4
15.8
19.0
21.0
24.7
28.0
30.6
38.6
42.2
49.4
54.7
64.2
75.3
HCGF5A2C3321
HCGF5A2C392Y
HCGF5A2C472Y
HCGF5A2C562Y
HCGF5A2C682Y
HCGF5A2C822Y
HCGF5A2C103Y
HCGF5A2C123Y
HCGF5A2C153Y
HCGF5A2C183Y
HCGF5A2C223Y
HCGF5A2C273Y
HCGF5A2C333Y
HCGF5A2C393Y
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
200V(2D)
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
36·100
36·121
51·75
51·75
51·96
51·115
51·130
64·96
64·96
77·96
77·96
77·130
77·155
90·131
90·157
A10
A12
C8R
C8R
C10R
C12R
C13R
D10R
D10R
E10R
E10R
E13R
E16R
F13R
F16R
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
10.6
12.7
13.3
14.4
17.4
20.4
23.7
25.4
28.0
32.6
39.0
44.6
53.0
58.2
69.0
HCGF5A2D2221
HCGF5A2D2721
HCGF5A2D332Y
HCGF5A2D392Y
HCGF5A2D472Y
HCGF5A2D562Y
HCGF5A2D682Y
HCGF5A2D822Y
HCGF5A2D103Y
HCGF5A2D123Y
HCGF5A2D153Y
HCGF5A2D183Y
HCGF5A2D223Y
HCGF5A2D273Y
HCGF5A2D333Y
Standard value and case size
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
250V(2E)
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
36·100
36·100
51·75
51·75
51·96
51·115
64·96
64·96
64·115
64·115
64·130
77·115
77·130
77·155
90·157
A10
A10
C8R
C8R
C10R
C12R
D10R
D10R
D12R
D12R
D13R
E12R
E13R
E16R
F16R
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
08.7
09.5
10.8
12.0
14.6
17.0
19.2
21.0
24.7
27.1
31.5
34.8
40.8
47.8
56.5
HCGF5A2E1521
HCGF5A2E1821
HCGF5A2E222Y
HCGF5A2E272Y
HCGF5A2E332Y
HCGF5A2E392Y
HCGF5A2E472Y
HCGF5A2E562Y
HCGF5A2E682Y
HCGF5A2E822Y
HCGF5A2E103Y
HCGF5A2E123Y
HCGF5A2E153Y
HCGF5A2E183Y
HCGF5A2E223Y
Specifications
Items
Temperature range
Capacitance tolerance
Rated voltage
Dissipation factor
Permissible ripple current
Others
High-temperature load
Leakage current
–25°C ~ +85˚C
±20% (20°C, 120Hz)
160 ~ 450V.DC
Less than the value specified in the standard products table. (20˚C,120Hz)
As specified in the standard products table. (40˚C,120Hz)
JIS C 5101-4.
After the rated voltage with specified ripple current is applied at 85°C for 2000 hours:
Capacitance tolerance: ±15% or less of the initial value
Dissipation factor: 175% or less of the specified initial value
Leakage current: Specified initial value or less
0.01CV (µA) or 5mA, whichever is smaller or less
[C = nominal capacitance (µF), V = rated voltage (V)]
Attachment of legs
• See page 49 for shapes and dimensions.
• Product names in the Standard Units Rating Table correspond
to the attachment legs for Type Y (Type I for ø36 only), but
Type Iattachment legs may be used (Shape Code = I).
• If attachment legs are not necessary, enter "N" for the
attachment leg shape code.
• Attachment legs will be delivered separately.


Similar Part No. - HCGF5A2D2721

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCGF5A2D272IA121PH AICTECH-HCGF5A2D272IA121PH Datasheet
70Kb / 3P
   Useful of 4,000 hours at 85ºC
More results

Similar Description - HCGF5A2D2721

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCGHA ETC-HCGHA Datasheet
211Kb / 2P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
AIC tech Inc.
VFL AICTECH-VFL Datasheet
86Kb / 4P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
HCGF6A ETC-HCGF6A Datasheet
199Kb / 1P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com