Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG7216V7AD1 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG7216V7AD1
Description  128MB - 16Mx72 SDRAM, UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7216V7AD1 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG7216V7AD1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W3DG7216V-AD1
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2004
Rev 2
PRELIMINARY
Note: For industrial temperature range product, add an "I" to the end of the part number.
Ordering Information
Speed
CAS Latency
Height*
W3DG7216V10AD1
100MHz
CL=2
27.94 (1.10”)
W3DG7216V7AD1
133MHz
CL=2
27.94 (1.10”)
W3DG7216V75AD1
133MHz
CL=3
27.94 (1.10”)
PACKAGE DIMENSIONS FOR AD1
3.99
(0.157)
2.01 (0.079 Min)
67.72
(2.661 Max)
32.79
(1.291)
4.60 (0.181)
1.50 (0.059)
28.2
(1.112)
23.14
(0.913)
19.99
(0.787)
27.94
(1.10)
Max
3.81
(0.150)
MAX.
0.99
(0.039)
(± 0.004)
300
WEDC
PACKAGE DIMENSIONS FOR AD1
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).


Similar Part No. - W3DG7216V7AD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7216V75D1 WEDC-W3DG7216V75D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V75D2 WEDC-W3DG7216V75D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG7216V75JD1 WEDC-W3DG7216V75JD1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V7D1 WEDC-W3DG7216V7D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V7D2 WEDC-W3DG7216V7D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
More results

Similar Description - W3DG7216V7AD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7217V-D2 WEDC-W3DG7217V-D2 Datasheet
127Kb / 6P
   128MB - 16Mx72 SDRAM UNBUFFERED
W3DG7216V-D1 WEDC-W3DG7216V-D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com