Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG7217V-D2 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG7217V-D2
Description  128MB - 16Mx72 SDRAM UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7217V-D2 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG7217V-D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7217V-D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7217V-D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7217V-D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7217V-D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7217V-D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3DG7217V-D2
May 2004
Rev. 2
PRELIMINARY
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS
ORDERING INFORMATION
Part Number
Speed
CAS Latency
Height*
W3DG7217V10D2
100MHz
CL=2
30.48 (1.20")
W3DG7217V7D2
133MHz
CL=2
30.48 (1.20")
W3DG7217V75D2
133MHz
CL=3
30.48 (1.20")
30.48
(1.20)
MAX.
3.99
(0.157)
MIN.
1.27 ± 0.10
(0.050 ± 0.004)
17.78
(0.700)
133.48
(5.255) MAX.
3.05
(0.120)
MAX.
24.49
(0.964)
1.98
(0.078)
(2X)
6.35
(0.250)
36.83
(1.450)
42.19
(1.661)
3.18
(0.125)
54.61
(2.150)
1.27
(0.050) TYP.
8.88
(0.350)
11.43
(0.450)
3.99
(0.157)
(2X)


Similar Part No. - W3DG7217V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V10D2 WEDC-W3DG72127V10D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V75D2 WEDC-W3DG72127V75D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V7D2 WEDC-W3DG72127V7D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
More results

Similar Description - W3DG7217V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7216V-AD1 WEDC-W3DG7216V-AD1 Datasheet
115Kb / 6P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V-D1 WEDC-W3DG7216V-D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com