Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6463V7.5D2-GG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3DG6463V7.5D2-GG
Description  512MB - 2x32Mx64 SDRAM UNBUFFERED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6463V7.5D2-GG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3DG6463V7.5D2-GG Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6463V7.5D2-GG Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6463V7.5D2-GG Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6463V7.5D2-GG Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6463V7.5D2-GG Datasheet HTML 6Page - White Electronic Designs Corporation W3DG6463V7.5D2-GG Datasheet HTML 7Page - White Electronic Designs Corporation W3DG6463V7.5D2-GG Datasheet HTML 8Page - White Electronic Designs Corporation W3DG6463V7.5D2-GG Datasheet HTML 9Page - White Electronic Designs Corporation W3DG6463V7.5D2-GG Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
July 2005
Rev. 2
W3DG6463V-D2
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ORDERING INFORMATION
Part Number
Speed
CAS Latency
Height*
W3DG6463V10D2-x
100MHz
CL=2
30.48 (1.20")
W3DG6463V7D2-x
133MHz
CL=2
30.48 (1.20")
W3DG6463V75D2-x
133MHz
CL=3
30.48 (1.20")
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS
Compliant)
• Vendor specific part numbers are used to provide memory components source
control. The place holder for this is shown as lower case “x” in the part numbers
above and is to be replaced with the respective vendors code. Consult factory
for qualified sourcing options. (M = Micron, S = Samsung, G = Infineon & consult
factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option
Part Number
Speed
CAS Latency
Height*
W3DG6363V10D2-x
100MHz
CL=2
30.48 (1.20")
W3DG6363V7D2-x
133MHz
CL=2
30.48 (1.20")
W3DG6363V75D2-x
133MHz
CL=3
30.48 (1.20")
Note: Available with WP (write protect) on pin 81.
*ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS
3.99
(0.157)
(2X)
8.89
(0.350)
6.35
(0.250)
P1
11.43
(0.450)
3.18
(0.125) (2X)
133.48
(5.255 MAX.)
115.57
(4.550)
6.35
(0.250)
54.61
(2.150)
1.27 ± 0.10
(0.050 ± 0.004)
3.99
(0.157 MIN.)
3.81
(0.150)
MAX.
30.48
(1.200)
MAX.
17.78
(0.700)
42.16
(1.660)
36.83
(1.450)


Similar Part No. - W3DG6463V7.5D2-GG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6464V-D1 WEDC-W3DG6464V-D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V10D1 WEDC-W3DG6464V10D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V75D1 WEDC-W3DG6464V75D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V7D1 WEDC-W3DG6464V7D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6463V7.5D2-GG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com