Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG7232V-JD1 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG7232V-JD1
Description  256MB - 32Mx72 SDRAM UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7232V-JD1 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG7232V-JD1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7232V-JD1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7232V-JD1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7232V-JD1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7232V-JD1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7232V-JD1 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG7232V-JD1 Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
W3DG7232V-D1
-JD1
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
September 2004
Rev. 0
PRELIMINARY
Note: For industrial temperature range product, add an "I" to the end of the part number.
Ordering Information
Speed
CAS Latency
Height*
W3DG7232V10JD1
100MHz
CL=2
31.75 (1.25”)
W3DG7232V7JD1
133MHz
CL=2
31.75 (1.25”)
W3DG7232V75JD1
133MHz
CL=3
31.75 (1.25”)
PACKAGE DIMENSIONS FOR JD1
PACKAGE DIMENSIONS FOR JD1
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).
3.99
(0.157)
2.01 (0.079 Min)
67.72
(2.661 Max)
301
WEDC
32.79
(1.291)
4.60 (0.181)
1.50 (0.059)
28.2
(1.112)
23.14
(0.913)
19.99
(0.787)
31.75
(1.25)
Max
3.81
(0.150)
MAX.
0.99
(0.039)
(± 0.004)


Similar Part No. - W3DG7232V-JD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-D2 WEDC-W3DG7232V-D2 Datasheet
151Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
More results

Similar Description - W3DG7232V-JD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
logo
Elpida Memory
EBS25UC8APFA ELPIDA-EBS25UC8APFA Datasheet
158Kb / 14P
   256MB Unbuffered SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com