Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F8966A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # N74F8966A
Description  9-Bit address/data Futurebus transceiver, ADT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F8966A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button N74F8966A Datasheet HTML 3Page - NXP Semiconductors N74F8966A Datasheet HTML 4Page - NXP Semiconductors N74F8966A Datasheet HTML 5Page - NXP Semiconductors N74F8966A Datasheet HTML 6Page - NXP Semiconductors N74F8966A Datasheet HTML 7Page - NXP Semiconductors N74F8966A Datasheet HTML 8Page - NXP Semiconductors N74F8966A Datasheet HTML 9Page - NXP Semiconductors N74F8966A Datasheet HTML 10Page - NXP Semiconductors N74F8966A Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors FAST Products
Product specification
74F8965/74F8966
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
8
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS1
MIN
TYP2
MAX
IOH
High–level output current
B0 – B8
VCC = MAX, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
IAMC (74F8966)
VCC = MAX, VIL = MAX, VIH = MIN, VOH = 4.5V
100
µA
IOFF
Power–off output current
B0 – B8
VCC = 0.0V, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
IAMC (74F8966)
VCC = 0.0V, VIL = MAX, VIH = MIN, VOH = 4.5V
100
µA
VOH
High-level output voltage
A0 – A84
VCC = MAX, VIL = MAX, VIH = MIN, IOH = –3mA
2.4
VCC
V
A0 – A84
VCC = MIN,
IOL = 24mA
0.50
V
VOL
Low-level output voltage
IAMC (74F8966)
VIL = MAX
IOL = 48mA
0.50
V
B0 – B8
VIH = MIN
IOL = 100mA
0.75
1.0
1.10
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-1.2
V
II
Input current at
maximum input voltage
OEB0, OEB1,
OEA, LE, LS,
IAREQ
VCC = MAX, VI = 7.0V
100
µA
A0 – A8, B0 –
B8
VCC = MAX, VI = 5.5V
1
mA
IIH
High–level input current
OEB0, OEB1,
OEA, LE, LS,
IAREQ
VCC = MAX, VI = 2.7V
20
µA
B0 – B8
VCC = MAX, VI = 2.1V
100
µA
IIL
Low–level input current
OEB0, OEB1,
OEA, LE, LS,
IAREQ
VCC = MAX, VI = 0.5V
–100
µA
B0 – B8
VCC = MAX, VI = 0.3V
–100
µA
IIH + IOZH
Off–state output current,
high–level voltage applied
A0 – A8
VCC = MAX, VO = 2.7V
50
µA
IIL + IOZL
Off–state output current,
low–level voltage applied
VCC = MAX, VI = 0.5V
–50
µA
IOS
Short circuit output
current3
A0 – A8 only
AO8
VCC = MAX
-60
-150
mA
ICCH
VCC = MAX
80
140
mA
ICC
Supply current (total)
ICCL
VCC = MAX, VIL = 0.5V
85
145
mA
ICCZ
75
100
mA
Notes to DC electrical characteristics
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold tech-
niques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a
high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence
of parameter tests, IOS tests should be performed last.
4. Due to test equipment limitations, actual test conditions are for VIH =1.8V and VIL = 1.3V.


Similar Part No. - N74F8966A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F8960 PHILIPS-N74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
N74F8960A PHILIPS-N74F8960A Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
N74F8960N PHILIPS-N74F8960N Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
N74F8961A PHILIPS-N74F8961A Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
N74F8962A PHILIPS-N74F8962A Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
More results

Similar Description - N74F8966A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031_14 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
logo
NXP Semiconductors
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
Texas Instruments
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com