Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG7268V7AD1 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3DG7268V7AD1
Description  512MB- 64Mx72 SDRAM UNBUFFERED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7268V7AD1 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3DG7268V7AD1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7268V7AD1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7268V7AD1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7268V7AD1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7268V7AD1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7268V7AD1 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG7268V7AD1 Datasheet HTML 7Page - White Electronic Designs Corporation W3DG7268V7AD1 Datasheet HTML 8Page - White Electronic Designs Corporation W3DG7268V7AD1 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
W3DG7268V-AD1
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 2
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
9
W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if “ABSOLUTE MAXIMUM RATINGS” are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
——
0.4
V
IOL= +2mA
Input Leakage Current
ILI
-10
10
µA
3
Note:
1. VIH (max)= 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min)= -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V ≤ VIN ≤ VCCQ
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 3.3V, VREF = 1.4V ± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
36
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
36
pF
Input Capacitance (CKE0)
CIN3
36
pF
Input Capacitance (CK0)
CIN4
20
pF
Input Capacitance (CS0#)
CIN5
36
pF
Input Capacitance (DQM0-DQM7)
CIN6
7pF
Input Capacitance (BA0-BA1)
CIN7
36
pF
Data Input/Output Capacitance (DQ0-DQ63)
COUT
9pF
Data input/output capacitance (CB0-CB7)
COUT1
9pF
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, 0°C ≤ TA ≤ +70°C


Similar Part No. - W3DG7268V7AD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7268V7AD1 WEDC-W3DG7268V7AD1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
More results

Similar Description - W3DG7268V7AD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com