Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG64126V7D2 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3DG64126V7D2
Description  1GB - 2x64Mx64, SDRAM UNBUFFERED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG64126V7D2 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3DG64126V7D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG64126V7D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG64126V7D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG64126V7D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG64126V7D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG64126V7D2 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG64126V7D2 Datasheet HTML 7Page - White Electronic Designs Corporation W3DG64126V7D2 Datasheet HTML 8Page - White Electronic Designs Corporation W3DG64126V7D2 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3DG64126V-D2
January 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
8
W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, 0°C
≤ TA ≤ +70°C
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V
1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH = -2mA
Output Low Voltage
VOL
——
0.4
V
IOL = -2mA
Input Leakage Current
ILI
-10
10
µA
3
Note:
1.
VIH (max)= 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2.
VIL (min)= -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3.
Any input 0V ≤ VIN ≤ VCC
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 3.3V, VREF=1.4V
± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
66
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
66
pF
Input Capacitance (CKE0-CKE1)
CIN3
66
pF
Input Capacitance (CK0-CK3)
CIN4
16
pF
Input Capacitance (CS0#-CS3#)
CIN5
21
pF
Input Capacitance (DQM0-DQM7)
CIN6
15
pF
Input Capacitance (BA0-BA1)
CIN7
66
pF
Data input/output capacitance (DQ0-DQ63)
COUT
15
pF


Similar Part No. - W3DG64126V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
W3DG64128V10D1 WEDC-W3DG64128V10D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
W3DG64128V75D1 WEDC-W3DG64128V75D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
W3DG64128V7D1 WEDC-W3DG64128V7D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
More results

Similar Description - W3DG64126V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
WV3HG264M64EEU-D6 WEDC-WV3HG264M64EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com